データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1200-2-RV

  • AI
    The **MP1200-2-RV** is a specific model within the series of high-precision, programmable DC power supplies, typically associated with brands like **Magna-Power**. These units are designed for high-power applications requiring rack-mount configurations and modular flexibility. --- ## 1. Core Technical Specifications The model name "MP1200-2-RV" follows a specific nomenclature that defines its electronic capabilities: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Voltage Rating** | 1200 Vdc | Maximum output voltage capacity. | | **Current Rating** | 2 Adc | Maximum output current capacity. | | **Power Output** | 2400 W (2.4 kW) | Total power calculated as $V \times I$. | | **Form Factor** | RV (Rack Vertical) | Indicates a standard rack-mount chassis design. | --- ## 2. Key Electronic Components & Architecture The electronic architecture of this unit is based on high-frequency switch-mode power conversion. ### A. Power Processing Stage * **IGBT Inverters:** Utilizes Insulated Gate Bipolar Transistors to convert input AC into high-frequency AC for the main isolation transformer. * **Planar Transformers:** Often used for high isolation and thermal efficiency, converting high-frequency AC to the desired voltage level. * **Rectifier Stack:** High-voltage diode strings configured to rectify the high-frequency AC back to a clean DC output. ### B. Control and Feedback Loop * **DSP/Microcontroller Core:** A Digital Signal Processor manages the Pulse Width Modulation (PWM) signals to maintain tight regulation. * **Sense Lines:** Internal electronic circuitry for 4-wire sensing (Remote Sense) to compensate for voltage drops across output leads. * **A/D and D/A Converters:** High-resolution (often 16-bit) converters ensure that the digital programmed value translates accurately to the analog output. --- ## 3. Protection & Interface Electronics To ensure safety and longevity, the following electronic subsystems are integrated: ### Safety Circuits 1. **Over-Voltage Protection (OVP):** A hardware-based latch that shuts down the power stage if the voltage exceeds a set threshold. 2. **Over-Current Protection (OCP):** Limits the current to prevent overheating or damage to the load. 3. **Thermal Sensors:** Thermistors placed on heatsinks to trigger emergency shutdowns if internal temperatures rise too high. ### Communication Interfaces The unit typically features a rear-panel electronic interface containing: * **RS232/USB/Ethernet:** Digital logic levels converted for remote SCPI command execution. * **Analog Programming:** 0-10V or 0-5V input signals for PLC-based control of voltage and current. --- ## 4. Typical Applications Given the high voltage (1200V) and relatively low current (2A), this electronic part is used for: * **Semiconductor Testing:** Breakdown voltage testing of power MOSFETs or IGBTs. * **Solar Inverter Simulation:** Testing high-voltage strings. * **Electric Vehicle (EV) Component Testing:** High-voltage battery emulation.
    ✨ Follow-up Questions
    • ⤷ What is the standard input AC voltage requirement for the MP1200-2-RV?
    • ⤷ Does this model support parallel or series configuration for higher power?
    • ⤷ What are the specific cooling requirements for the RV chassis design?