データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1202-0L-RV

  • AI
    The **MP1202-0L-RV** is a specific electronic component often associated with power management systems, specifically as a **Power Inductor** or a high-efficiency **DC-DC Step-Down Converter module** (typically manufactured by companies like Monolithic Power Systems or specialized inductor firms). Below is the detailed breakdown of its electronic characteristics and structural parts. --- ## 1. Core Technical Specifications The "MP1202" series usually refers to compact, high-current power components. If categorized as a Power Inductor, these are its primary electronic traits: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | Usually ranges from 0.1µH to 2.2µH (depending on the exact sub-code) | | **Current Rating** | High Saturation Current (often 10A - 30A+) | | **DCR (DC Resistance)** | Ultra-low milliohms (mΩ) to minimize heat loss | | **Operating Temp** | -40°C to +125°C | | **Shielding** | Magnetically shielded construction | --- ## 2. Key Electronic Parts & Composition The MP1202-0L-RV is constructed using four main elements to ensure high performance in power-dense circuits: ### A. Magnetic Core (The Body) * **Material:** Often made of **Composite Metal Powder** (Iron-based). * **Function:** This material allows for a high saturation flux density, meaning the part can handle high current spikes without losing its inductive properties. ### B. Copper Coil (The Winding) * **Structure:** Uses flat-wire or round-wire oxygen-free copper. * **Function:** Flat wire construction reduces "Skin Effect" and allows for a lower DCR, which directly improves the energy efficiency of the power supply. ### C. Termination / Pads (The "RV" suffix) * **Material:** Tin-plated or Silver-coated Copper. * **Design:** These are the SMT (Surface Mount Technology) pads. The "RV" or "L" designations often refer to the lead-frame style or the height profile (Low Profile). ### D. Molded Housing * **Material:** Epoxy resin or specialized polymer. * **Function:** Encapsulates the coil and core to protect against environmental moisture and mechanical vibration. --- ## 3. Application in Circuits This part is typically found in the **Voltage Regulator Module (VRM)** of modern electronics. 1. **Buck Converters:** It acts as the energy storage element that smooths the output current from a switching regulator. 2. **Filtering:** Used in LC filters to remove high-frequency noise from DC power lines. 3. **Point of Load (POL):** Found near CPUs or GPUs where high current and low voltage are required. --- ## 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the code usually breaks down as follows: * **MP:** Series/Manufacturer Identifier (e.g., Metal Powder). * **1202:** Dimensions (e.g., 12mm x 12mm size, 2mm height). * **0L:** Inductance code or Lead-free designation. * **RV:** Revision code or Packaging style (Reel/Vertical). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the MP1202 series?
    • ⤷ How does flat-wire construction compare to round-wire in these inductors?
    • ⤷ Are there specific PCB layout recommendations for high-current MP1202 components?