データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1202-2-RV

  • AI
    The **MP1202-2-RV** is a high-performance, industrial-grade AC-DC power supply module, typically categorized as a "Railway-Ready" or "Ruggedized" power converter. These units are designed for environments requiring extreme reliability, wide input voltage ranges, and high isolation. --- ### 1. Key Technical Specifications Below is a summary of the core electronic characteristics of the MP1202 series: | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage** | Wide AC Range (85V - 264V AC) or DC Range | | **Output Voltage** | 12V DC (Standard for MP1202 series) | | **Power Rating** | Approx. 200W - 250W (Model dependent) | | **Mounting Type** | Chassis Mount / DIN Rail | | **Cooling** | Convection or Forced Air | | **Efficiency** | > 88% | --- ### 2. Core Electronic Components & Architecture The MP1202-2-RV utilizes a Switch-Mode Power Supply (SMPS) topology. Here are the primary internal sections: #### A. Input Filtering & Protection (EMI/EMC) * **Varistors (MOVs):** Protect against high-voltage surges (spikes). * **Common Mode Chokes:** Reduce electromagnetic interference (EMI) conducted back to the power line. * **RV Suffix Significance:** The "RV" often denotes "Railway" or "Ruggedized" variants, meaning they include enhanced filtering to meet EN50155 standards for vibration and shock. #### B. Rectification & PFC * **Bridge Rectifier:** Converts AC input to high-voltage DC. * **Power Factor Correction (PFC):** Active circuitry that ensures the current waveform is in phase with the voltage, maximizing energy efficiency and reducing harmonic distortion. #### C. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous input mains and the safe output DC. This is critical for industrial safety. * **Optocouplers:** Used in the feedback loop to send voltage regulation signals back to the primary side without physical electrical contact. #### D. Output Stage * **Schottky Diodes/Synchronous Rectification:** Used to minimize power loss during the final DC conversion. * **Electrolytic Capacitors:** High-temperature rated (often 105°C) capacitors for smoothing output ripple. --- ### 3. Protection Features The electronic design includes several safety "checkpoints" to prevent hardware failure: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold (e.g., if the feedback loop fails). 2. **OCP (Over Current Protection):** Limits the output current to prevent the wires or the load from melting during a short circuit. 3. **OTP (Over Temperature Protection):** Thermal sensors on the internal heatsinks trigger a shutdown if the internal temperature exceeds safe limits. --- ### 4. Application Environments Due to the **-RV** designation, this part is commonly found in: * **Railway Signaling:** Stable power for trackside equipment. * **Industrial Automation:** Powering PLCs and sensors in harsh factories. * **Telecommunications:** Outdoor base stations where temperature swings are high.
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage ranges for the 'RV' railway version?
    • ⤷ How does the 'RV' model differ from the standard MP1202 in terms of vibration resistance?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific module?