データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1202-3-RV

  • AI
    The **MP1202-3-RV** is a specialized electronic component, typically categorized as a **High-Voltage Reed Relay**. These devices are designed to provide physical galvanic isolation and high-speed switching for high-voltage circuits. --- ### 1. Key Technical Specifications Below are the typical parameters associated with this series of reed relays: | Parameter | Value/Description | | :--- | :--- | | **Contact Form** | Form A (Normally Open) | | **Switching Voltage** | Up to 1,000V DC (Typical for MP series) | | **Carry Current** | 1.0A - 2.0A | | **Isolation Voltage** | 3,000V DC (Between coil and contact) | | **Coil Voltage** | 12V DC (Standard for the -3-RV variant) | | **Mounting Type** | Through-Hole (PCB) | --- ### 2. Internal Components and Construction The MP1202-3-RV consists of three primary electronic sections: 1. **The Reed Switch:** Two ferromagnetic blades (reeds) hermetically sealed in a glass envelope filled with inert gas. The contact points are often plated with Rhodium or Ruthenium to prevent "pitting" during high-voltage arcing. 2. **The Electromagnetic Coil:** A copper wire winding wrapped around the glass reed. When 12V is applied to the coil, it creates a magnetic field that pulls the reeds together to close the circuit. 3. **The Protective Housing:** The "RV" designation often refers to a ruggedized or potted vertical housing, which provides high insulation resistance and protects the glass switch from mechanical shock. --- ### 3. Functional Features * **Galvanic Isolation:** Because the switch is operated by a magnetic field rather than an electrical connection, the low-voltage control side (coil) is completely isolated from the high-voltage load side. * **Low Contact Resistance:** Unlike semiconductors (MOSFETs/IGBTs), reed relays have a very low and stable "ON" resistance, which reduces signal distortion. * **Longevity:** Since the contacts are sealed in an inert environment, they do not oxidize, allowing for millions of switching cycles. --- ### 4. Typical Applications These parts are commonly found in precision instrumentation where high voltage must be managed safely: * **Automated Test Equipment (ATE):** Routing high-voltage signals to a Device Under Test (DUT). * **Battery Management Systems (BMS):** Measuring individual cell voltages in high-stack batteries. * **Medical Equipment:** Used in defibrillators or imaging machines where isolation is critical for patient safety. * **Insulation Testers:** Switching the high-voltage probes used to test cable integrity. --- ### 5. Simple Connection Diagram ```text Control Side (Low Voltage) Load Side (High Voltage) [ 12V DC ] ----( Coil )---- [ GND ] [ HV In ] ----| |---- [ HV Out ] (Reed Gap) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this reed relay?
    • ⤷ Does the MP1202-3-RV require an external flyback diode for the coil?
    • ⤷ How does the 'RV' suffix change the mounting footprint compared to standard models?