データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1203-3-RV

  • AI
    The **MP1203-3-RV** is a specialized precision mechanical component, typically categorized as a **Precision Linear Actuator** or a **Motorized Linear Stage**, often used in micro-positioning applications. While the housing is mechanical, its functionality depends on internal electronic and electromechanical parts. --- ## 1. Core Electronic & Electromechanical Components The MP1203-3-RV generally integrates the following electronic elements: ### A. Integrated Stepper Motor The heart of the unit is a high-resolution stepper motor. - **Function:** Converts digital pulses into precise mechanical rotation. - **Spec Detail:** Typically a 2-phase bipolar stepper motor designed for high torque at low speeds. ### B. Feedback System (Encoders) To ensure accuracy, these units often include electronic feedback: - **Optical Encoder:** Tracks the position of the shaft to prevent "lost steps." - **Home/Limit Switches:** Hall-effect sensors or optical interrupters that signal the controller when the actuator has reached its physical boundaries. ### C. Wiring and Connectivity - **Connector Type:** Usually features a multi-pin Hirose or D-Sub connector. - **Pinout:** Includes lines for Motor Phase A/B, Ground, VCC for sensors, and Signal lines for limits. --- ## 2. Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Motor Type** | 2-Phase Stepper | | **Travel Range** | ~3mm (depending on specific RV variant) | | **Resolution** | Sub-micron level (approx. 0.1 µm to 1.0 µm) | | **Operating Voltage** | 12V - 24V DC | | **Sensor Type** | Built-in Limit & Home Switches | --- ## 3. Driving the Device (External Electronics) To operate the MP1203-3-RV, you require an external **Motion Controller** or **Stepper Driver**. ```python # Conceptual logic for a Python-based controller (using a library like PySerial or similar) def move_actuator(steps, direction): if direction == "forward": gpio.write(DIR_PIN, HIGH) else: gpio.write(DIR_PIN, LOW) for i in range(steps): gpio.pulse(STEP_PIN) # Check for limit switch signal (Electronic Feedback) if gpio.read(LIMIT_SWITCH_PIN) == ACTIVE: break ``` --- ## 4. Key Maintenance & Handling * **ESD Sensitivity:** The internal sensors (Hall effect or Optical) are sensitive to Electrostatic Discharge. Always ground yourself before handling the connector pins. * **Driver Matching:** Ensure the current limit on your stepper driver is set to match the motor's rated current to prevent overheating the internal coils.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the MP1203-3-RV connector?
    • ⤷ Which stepper motor drivers are recommended for this specific model?
    • ⤷ How do I calibrate the home sensor for sub-micron accuracy?