データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1210-4L-RX

  • AI
    The **MP1210-4L-RX** refers to a specific type of **multi-layer ceramic antenna** or dielectric filter component, typically used in high-frequency wireless communication applications (such as GPS, Bluetooth, or WiFi). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is an **SMD (Surface Mount Device)** part designed to receive or filter radio frequency signals. The "RX" suffix generally denotes it is optimized for the **Receiving** path of a circuit. ### 2. Technical Specifications While exact specs can vary by manufacturer (such as Microgate or similar RF specialists), the standard parameters for the MP1210 series are usually as follows: | Parameter | Typical Value / Description | |:---|:---| | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | 1210 (3.2mm x 2.5mm) | | **Frequency Range** | Usually 1575.42 MHz (GPS) or 2.4 GHz (ISM) | | **Impedance** | 50 Ohms (Standard matched) | | **Number of Terminals** | 4 Pads (4L stands for 4-Loop or 4-Lead layout) | | **Material** | Low Temperature Co-fired Ceramic (LTCC) | --- ### 3. Key Internal Parts & Construction The "Electronic Parts" within this small component are integrated into a monolithic ceramic block: * **Dielectric Ceramic Body:** The core is made of high-permittivity ceramic materials that allow the component to be much smaller than a traditional wire antenna. * **Silver/Copper Electrodes:** Internal metallic layers (multi-layer) are printed to create the necessary inductance and capacitance to tune the device to a specific frequency. * **Solder Pads:** The underside features gold or tin-plated pads for reflow soldering onto a PCB. ### 4. Typical Applications The MP1210-4L-RX is commonly found in the following devices: 1. **GNSS/GPS Receivers:** Used in smartphones and wearables to capture satellite signals. 2. **Bluetooth Modules:** Acts as the compact antenna for short-range data transmission. 3. **IoT Sensors:** Provides wireless connectivity in space-constrained environments. --- ### 5. Circuit Integration (Example) In a typical PCB layout, the part is connected as follows: ```mermaid graph LR A[Antenna Input] --> B[MP1210-4L-RX] B --> C[Matching Network] C --> D[RF Transceiver/IC] ``` *Note: Because it is a 4-terminal device, two pins are usually grounded to provide stability and shielding, while one is the signal input/output.*
    ✨ Follow-up Questions
    • ⤷ What is the specific resonant frequency for the MP1210-4L-RX in a GPS application?
    • ⤷ How does the '4L' pin configuration differ from standard 2-pin ceramic antennas?
    • ⤷ What are the recommended PCB landing pattern dimensions for a 1210 package?