データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1213-7L-RX

  • AI
    The **MP1213-7L-RX** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a high-current molded power inductor, often utilized in automotive and industrial power management applications. ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 1.2 µH to 1.3 µH (Series dependent) | | **Tolerance** | ±20% | | **Current Rating (Isat)** | High Saturation Current (Often 15A - 30A range) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the suffix -RX) | --- ### 2. Physical Construction The "7L" designation usually refers to the physical footprint or height of the component. * **Shielding:** These parts are typically magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical in densely packed circuit boards. * **Core Material:** Usually features a metal alloy powder core, providing soft saturation characteristics and stable performance across varying temperatures. * **Lead-Free:** Compliant with RoHS standards for environmentally friendly manufacturing. --- ### 3. Functional Roles in Circuitry The MP1213-7L-RX serves several critical functions within an electronic system: 1. **DC-DC Conversion:** It acts as the energy storage element in buck (step-down) or boost (step-up) converters. 2. **Filtering:** Used in LC circuits to smooth out ripple current from high-frequency switching power supplies. 3. **Energy Storage:** Temporarily stores energy in a magnetic field to maintain a constant current flow to the load. --- ### 4. Common Applications Due to its high current handling and compact size, this component is found in: * **Automotive ECU:** Powering Engine Control Units where heat and vibration resistance are required. * **Server Power Modules:** High-efficiency Voltage Regulator Modules (VRMs). * **Industrial Automation:** Power supplies for PLC (Programmable Logic Controllers). --- ### 5. Identification Table If you are sourcing this part, pay attention to the suffix codes: | Suffix | Meaning | | :--- | :--- | | **MP** | Manufacturer Series (e.g., Molded Power) | | **1213** | Dimensional code (e.g., 12mm x 13mm footprint) | | **7L** | Height/Electrical variant code | | **RX** | Packaging format (Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MP1213-7L-RX?
    • ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer?
    • ⤷ How does the saturation current (Isat) compare to the heating current (Irms) for this model?