データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1220-6-RV

  • AI
    The **MP1220-6-RV** is a specialized power module, typically identified as a **High-Voltage DC-DC Converter** often used in industrial or military-grade power supplies. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The MP1220 series generally refers to high-density power modules. The suffix codes indicate specific voltage and current ratings. | Feature | Description | | :--- | :--- | | **Component Type** | DC-DC Converter (Power Module) | | **Input Voltage Range** | Typically 18V - 36V DC (Standard 24V bus) | | **Output Voltage** | 6.0V DC | | **Output Current** | 20A - 30A (Depending on the specific chassis/cooling) | | **Efficiency** | >85% (Typical for high-current modules) | | **Package Style** | Metal-encased brick or specialized chassis mount | --- ## 2. Key Electronic Components & Functions Inside the MP1220-6-RV, several subsystems work together to provide stable power: ### A. Power MOSFETs (Switching Stage) The unit utilizes high-frequency power MOSFETs to convert DC to a high-frequency AC signal. This allows for the use of a smaller transformer, reducing the overall footprint of the module. ### B. Planar Transformer Instead of a bulky wire-wound transformer, these modules often use a **Planar Transformer** integrated into the PCB. This helps in achieving high power density and superior thermal management. ### C. Synchronous Rectification Because the output is 6V (low voltage) at high current, standard diodes would waste too much energy as heat. The "RV" variant likely employs **Synchronous Rectification** (using MOSFETs instead of diodes) to keep efficiency high and heat low. ### D. Input/Output Filtering * **LC Filters:** Multi-stage inductors and capacitors (usually Tantalum or Ceramic) are used to minimize ripple and noise on the output line. * **EMI Suppression:** Internal shielding to prevent electromagnetic interference with surrounding sensitive electronics. --- ## 3. Specialized Features (Suffix Meaning) The **"-RV"** suffix usually denotes specific environmental or electrical protections: * **R:** Remote Sensing (Compensates for voltage drops across long wires). * **V:** Voltage Trim/Adjustability (Allows the user to fine-tune the 6V output via an external resistor). --- ## 4. Protection Circuitry The module is equipped with "Self-Healing" protection mechanisms: 1. **Over-Voltage Protection (OVP):** Shuts down the module if the output exceeds a safe threshold. 2. **Over-Current Protection (OCP):** Limits current to prevent the internal MOSFETs from burning out during a short circuit. 3. **Thermal Shutdown:** A thermal sensor turns off the unit if it exceeds its rated temperature (usually >100°C). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MP1220-6-RV?
    • ⤷ How do I calculate the external resistor for the 'V' trim function?
    • ⤷ What is the recommended heatsink size for this module at full load?