データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1220-7-RV

  • AI
    The **MP1220-7-RV** is a specialized power management component, typically categorized as a **High-Efficiency Synchronous Step-Down (Buck) Converter** module or integrated circuit. These devices are designed to convert a higher DC input voltage into a stabilized, lower DC output voltage with minimal energy loss. --- ### 1. Key Technical Specifications Below are the typical parameters associated with the MP1220 series architecture: | Feature | Description | | :--- | :--- | | **Type** | Synchronous Step-Down (Buck) | | **Input Voltage Range** | Typically 4.5V to 20V (Varies by sub-model) | | **Output Current** | 7 Amperes (indicated by the "-7" in the part number) | | **Efficiency** | Up to 95% at peak loads | | **Switching Frequency** | Internal oscillator (often 500kHz to 1.1MHz) | | **Package Type** | QFN or specialized surface mount module | --- ### 2. Functional Components The MP1220-7-RV integrates several electronic stages into a single package to reduce the "Bill of Materials" (BOM) for engineers: * **Integrated MOSFETs:** It contains both high-side and low-side power transistors. Because it is "Synchronous," it uses a MOSFET instead of a Schottky diode for the low-side switch to reduce heat. * **Control Loop:** Uses Pulse Width Modulation (PWM) or Constant On-Time (COT) control to maintain a steady output voltage despite changes in input voltage or load demand. * **Protection Circuitry:** * **OCP (Over Current Protection):** Limits current to 7A to prevent burning. * **OTP (Over Temperature Protection):** Shuts down the chip if it gets too hot. * **UVLO (Under Voltage Lockout):** Ensures the device doesn't start until the input voltage is stable. --- ### 3. Pinout and Integration When designing a PCB for this part, the following connections are critical: ```cpp // Typical Pin Configuration Logic PIN_VIN -> [Input Capacitor] -> [Power Source] PIN_SW -> [Inductor] -> [Output Rail] PIN_VOUT -> [Feedback Network] -> [FB Pin] PIN_GND -> [Solid Copper Plane] PIN_EN -> [Logic High/Low for On/Off Control] ``` --- ### 4. Common Applications Due to its 7A current capability and high efficiency, it is frequently found in: * **Networking Equipment:** Powering FPGAs and ASICs in routers and switches. * **Industrial PC Motherboards:** Converting 12V rails to 3.3V or 5V. * **Distributed Power Systems:** Used as a Point-of-Load (POL) converter where space is limited but current demand is high. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the MP1220-7-RV and a standard linear regulator?
    • ⤷ What external components are required to complete the circuit for this part?
    • ⤷ How does the 'RV' suffix impact the thermal management or packaging of the chip?