データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1220-8-RV

  • AI
    The **MP1220-8-RV** is a specialized power management component, typically categorized as a **High-Current Integrated Power Stage** or a multi-phase power module, often utilized in DC-DC converter applications (such as VRMs for CPUs or GPUs). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The MP1220 series (manufactured by Monolithic Power Systems - MPS) is designed for high-density power solutions. It integrates power MOSFETs and gate drivers into a single compact package to reduce parasitic inductance and improve efficiency. ### 2. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Integrated Power Stage (DrMOS / Intelli-Phase) | | **Max Current Rating** | 20A - 80A (Depending on specific sub-configuration) | | **Input Voltage (V_IN)** | Typically 4.5V to 16V | | **Configuration** | Half-Bridge (High-side and Low-side MOSFETs) | | **Interface** | PWM Input compatible with 3.3V/5V logic | | **Protection Features** | Over-Current (OCP), Over-Temperature (OTP), UVLO | --- ### 3. Core Electronic Components The "RV" suffix and the internal architecture consist of three main functional blocks: 1. **High-Side & Low-Side MOSFETs:** * Optimized for low $R_{DS(on)}$ to minimize conduction losses. * The "Integrated" nature means the switch node (SW) is internal, reducing EMI. 2. **Driver Circuitry:** * Translates the PWM signal from a controller into the high-current gate signals needed to flip the MOSFETs. * Includes "Dead-time" control to prevent shoot-through (where both MOSFETs are on at once). 3. **Current & Temperature Sensing:** * Features internal sensing circuits that provide feedback to the master controller for precise current balancing in multi-phase systems. --- ### 4. Pinout and Integration While specific to the package (often a QFN/LGA variant), the part generally follows this functional layout: ```text [PWM] ----> [ Level Shifter ] ----> [ Gate Driver ] ----> [ HS MOSFET ] --- [V_OUT] | [ LS MOSFET ] --- [GND] ``` ### 5. Common Applications * **Computing:** Voltage Regulator Modules (VRM) for high-performance servers. * **Networking:** Powering FPGAs, ASICs, and high-speed memory arrays. * **Telecom:** High-density point-of-load (POL) converters. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum output current for the MP1220-8-RV variant?
    • ⤷ Which PWM controllers are most compatible with this power stage?
    • ⤷ What are the thermal management requirements for this specific package?