データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1222-2-RV

  • AI
    The **MP1222-2-RV** is a specialized electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, specifically within DC-DC converters and voltage regulator modules. --- ## 1. Core Specifications and Technical Data The "MP" series generally refers to molded power inductors designed for high-current applications. Below are the typical characteristics associated with this specific part number: | Parameter | Typical Value/Description | |:---|:---| | **Inductance** | 2.2 µH (Microhenries) | | **Tolerance** | ±20% | | **Construction** | Metal Alloy Powder / Molded | | **Current Rating** | High Saturation Current (Isat) and Heat Rating Current (Irms) | | **Mounting Type** | SMD (Surface Mount Device) | | **Shielding** | Shielded (Low EMI) | --- ## 2. Key Electronic Features ### A. Molded Structure The component is manufactured using a metal alloy powder pressed around a copper coil. This provides: * **High Saturation:** Unlike traditional ferrite inductors, these do not saturate "hard" (abruptly), meaning they maintain performance even during current spikes. * **Low Noise:** The solid molded body reduces acoustic noise (whining) caused by magnetostriction. ### B. Low DCR (DC Resistance) The internal copper winding is optimized to have very low resistance. This minimizes power loss through heat, making the component highly efficient for battery-operated devices. ### C. Magnetic Shielding The composite construction acts as a natural magnetic shield. This prevents electromagnetic interference (EMI) from affecting surrounding sensitive components on the PCB. --- ## 3. Applications The MP1222-2-RV is commonly found in the following electronic systems: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases. 2. **DC-DC Converters:** Point-of-Load (POL) converters for telecommunications. 3. **Portable Electronics:** Smartphones and tablets where high efficiency and small footprint are required. 4. **Embedded Systems:** Industrial controllers requiring stable power delivery under varying loads. --- ## 4. Typical Internal Circuit Representation In a schematic, the part is represented as a standard inductor, often placed in the output filter stage of a buck converter: ```mermaid graph LR Vin --> Switch[PWM Switch] Switch --> L1[MP1222-2-RV Inductor] L1 --> Vout L1 --- C1[Filter Capacitor] C1 --- GND ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the MP1222-2-RV?
    • ⤷ How does a molded metal alloy inductor differ from a ferrite core inductor?
    • ⤷ What are the physical dimensions of the MP1222 series package?