データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1603-AD-RV

  • AI
    The **MP1603-AD-RV** is a specialized electronic component, typically categorized as a high-frequency, high-efficiency synchronous step-down (buck) converter or a power management IC (PMIC). These parts are designed to convert a higher DC input voltage to a lower regulated output voltage with minimal energy loss. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of voltage regulators: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | Ideal for single-cell Li-ion battery or 3.3V/5V rails. | | **Output Voltage** | Adjustable (AD) | Can be set via external resistor divider. | | **Output Current** | ~0.6A to 1A | Depending on the specific sub-variant. | | **Switching Frequency** | Up to 1.5MHz | Allows for the use of small surface-mount inductors. | | **Efficiency** | Up to 95% | Synchronous rectification reduces heat. | | **Package Type** | SOT23-5 / TSOT23-5 | Small footprint for compact PCB designs. | --- ### 2. Functional Blocks The internal circuitry of the MP1603 includes several critical electronic stages: 1. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage to maintain stability. 2. **Internal Power MOSFETs:** High-side and low-side switches that toggle to control power flow. 3. **PWM Control Logic:** Uses Pulse Width Modulation to determine how long the "gate" stays open to achieve the target voltage. 4. **Protection Circuits:** * **OTP:** Over Temperature Protection (shuts down if too hot). * **SCP:** Short Circuit Protection. * **UVLO:** Under Voltage Lockout (prevents operation if input power is too low). --- ### 3. Application Circuit Components To make the MP1603-AD-RV operational, you must pair it with specific passive components: * **Inductor ($L$):** Stores energy during the switching cycle. Usually 1.0µH to 2.2µH. * **Input/Output Capacitors ($C_{in}, C_{out}$):** Ceramic capacitors (X5R or X7R) used to filter noise and stabilize voltage. * **Feedback Resistors ($R_1, R_2$):** Used specifically for the **"AD" (Adjustable)** version to set the output voltage using the formula: `Vout = Vref * (1 + R1/R2)` --- ### 4. Typical Use Cases * **IoT Devices:** Low power consumption extends battery life. * **Smartphones/Tablets:** Localized voltage regulation for sensors or processors. * **SSD/Storage:** Provides stable power for flash memory controllers.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the MP1603-AD-RV?
    • ⤷ How do I calculate the resistor values for a 3.3V output?
    • ⤷ What are the thermal management requirements for this buck converter?