データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1610-AB-RV

  • AI
    The **MP1610-AB-RV** is a specific variant of a high-performance, high-frequency, synchronous rectified step-down (buck) switch-mode converter. It is designed by Monolithic Power Systems (MPS). Below is a breakdown of its electronic characteristics, internal parts, and functional components. --- ## 1. Core Technical Specifications The MP1610-AB-RV is engineered for compact power conversion, typically used in mobile devices or industrial IoT applications. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5V to 6V | | **Output Current** | Up to 1A Continuous | | **Switching Frequency** | 1.5MHz | | **Package Type** | SOT563 (Compact) | | **Efficiency** | Up to 95% | | **Feedback Voltage** | 0.6V | --- ## 2. Internal Electronic Architecture The device integrates several critical electronic components into a single silicon die to reduce the need for external parts (BOM reduction). ### A. Power MOSFETs The chip integrates both the **High-Side MOSFET** and the **Low-Side MOSFET**. - Because it uses synchronous rectification, it replaces the traditional external Schottky diode with an internal MOSFET to reduce conduction loss and heat. ### B. Control Logic (COT Control) It utilizes **Constant On-Time (COT)** control mode. - This provides a very fast transient response to sudden changes in load. - It maintains a relatively constant switching frequency. ### C. Protection Circuitry The "parts" inside the chip dedicated to safety include: - **Thermal Shutdown:** Powers down the chip if internal temperatures exceed limits. - **Over-Current Protection (OCP):** Limits the current to prevent burning out the inductor or the chip itself. - **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is stable. --- ## 3. Necessary External Components To make the MP1610-AB-RV functional, it must be paired with these specific external electronic parts: 1. **Inductor (L1):** Typically 1.0µH to 2.2µH. It stores energy during the "on" cycle. 2. **Input Capacitor (Cin):** Usually a 10µF ceramic capacitor to filter high-frequency noise from the power source. 3. **Output Capacitor (Cout):** Filters the output ripples to provide smooth DC power. 4. **Feedback Resistors (R1 & R2):** A resistive divider used to set the desired output voltage based on the formula: `Vout = 0.6V * (1 + R1/R2)`. --- ## 4. Pin Configuration (Functional Parts) | Pin Name | Function | | :--- | :--- | | **VIN** | Supply Voltage input. | | **SW** | Switch node; connects to the external inductor. | | **GND** | System ground. | | **FB** | Feedback input for voltage regulation. | | **EN** | Enable pin (High = On, Low = Off). | ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended resistor values for a 3.3V output?
    • ⤷ How does the COT control mode compare to PWM in this chip?
    • ⤷ What are the thermal considerations for the SOT563 package at 1A current?