データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1623-A7-RV

  • AI
    The **MP1623-A7-RV** is a high-frequency, synchronous, rectified, step-down (buck) switch-mode converter with built-in internal power MOSFETs. It is designed by Monolithic Power Systems (MPS) to provide a compact solution for achieving high efficiency across a wide load range. --- ### ## Technical Specifications The following table outlines the primary electrical characteristics of the MP1623 series: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage (Vin)** | 4.5V to 16V | | **Output Current** | Up to 3A | | **Switching Frequency** | 500kHz | | **Feedback Voltage** | 0.8V (Internal reference) | | **Quiescent Current** | Low (Optimized for battery life) | | **Package Type** | SOT23-6 | --- ### ## Key Electronic Components & Features ### 1. Synchronous Rectification Unlike standard buck converters that use an external Schottky diode, the MP1623 integrates a **low-side MOSFET**. This reduces conduction losses significantly, leading to higher efficiency (often >90%) and reducing the need for external heat sinking. ### 2. Constant On-Time (COT) Control The device utilizes an Advanced COT control scheme. This provides: * **Fast Transient Response:** The device reacts almost instantly to changes in load. * **Ease of Design:** It minimizes the need for complex external loop compensation networks. ### 3. Internal Protection Circuitry The "parts" inside the silicon include several safety mechanisms: * **Over-Current Protection (OCP):** Limits the peak current to prevent damage during shorts. * **Thermal Shutdown:** Turns off the device if the internal junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough to drive the internal MOSFETs. ### 4. Power Save Mode (PSM) At light loads, the MP1623 enters a pulse-skipping mode. This reduces the switching frequency, which saves power and extends battery life in portable applications. --- ### ## Application Circuit Overview To function, the MP1623 requires a few critical external components: ```mermaid graph LR Vin(Input Cap) --> MP1623 MP1623 --> L1(Inductor) L1 --> Vout(Output Cap) Vout --> FB(Feedback Resistors) FB --> MP1623 ``` * **Inductor (L):** Usually between 1.0µH to 4.7µH to store energy. * **Input/Output Capacitors:** Ceramic capacitors (X5R or X7R) are recommended for low ESR. * **Feedback Resistors:** A voltage divider connected to the FB pin sets the specific output voltage.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout definitions for the SOT23-6 package of the MP1623?
    • ⤷ How do I calculate the feedback resistor values for a 3.3V output?
    • ⤷ What is the difference between the MP1623 and its predecessors like the MP1584?