データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1623-AA-RX

  • AI
    ## Overview of the MP1623-AA-RX The **MP1623-AA-RX** is a high-frequency, synchronous, rectified, step-down (buck) switch-mode converter with built-in internal power MOSFETs. It is designed by Monolithic Power Systems (MPS) to provide a very compact solution for high-efficiency power regulation. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the MP1623 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | Up to 3A | | **Switching Frequency** | 500kHz (Fixed) | | **MOSFET Rdson** | 90mΩ (High-Side) / 40mΩ (Low-Side) | | **Feedback Voltage** | 0.8V ± 1% | | **Package Type** | SOT23-6 | | **Control Scheme** | Constant On-Time (COT) | --- ### 2. Core Electronic Components & Features The "electronic parts" within this Integrated Circuit (IC) work together to ensure stable power delivery: * **Internal Power MOSFETs:** It integrates both high-side and low-side power transistors. This eliminates the need for an external Schottky diode, improving efficiency and reducing PCB footprint. * **Constant On-Time (COT) Control:** This mechanism provides very fast transient response. When the output voltage drops due to a load change, the IC responds almost instantly without the delays typical of fixed-frequency PWM controllers. * **Synchronous Rectification:** By using a MOSFET instead of a diode for the low-side switch, the power loss (heat) is significantly reduced during the "off" cycle of the high-side switch. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Protects the IC during short circuits. * **SCP (Short Circuit Protection):** Uses hiccup mode to prevent overheating. * **Thermal Shutdown:** Turns off the device if the internal temperature exceeds safe limits. --- ### 3. Pin Configuration (SOT23-6) To understand how the electronic parts interface with a circuit, here is the standard pinout: 1. **GND:** Ground reference for the internal logic and power. 2. **SW:** Switch Node; connects to the external inductor. 3. **VIN:** Supply Voltage input (4.5V to 16V). 4. **FB:** Feedback; senses the output voltage via a resistor divider. 5. **EN:** Enable; pull high to turn on, low to turn off. 6. **BST:** Bootstrap; requires a capacitor to provide gate drive voltage for the high-side MOSFET. --- ### 4. Typical Application Circuit Example To use this IC, you generally need these external passive components: ```python # Minimal External Components Required: # 1. Input Capacitor (Cin): 22uF Ceramic # 2. Output Capacitor (Cout): 22uF x2 Ceramic # 3. Inductor (L1): 1.5uH to 4.7uH (depends on Vout) # 4. Feedback Resistors (R1, R2): To set Vout # 5. BST Capacitor: 0.1uF ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the feedback resistors to achieve a 5V output?
    • ⤷ How does the MP1623 handle thermal dissipation in such a small SOT23-6 package?
    • ⤷ What is the difference between the MP1623 and the MP2315 in terms of performance?