データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP220P-R10-B

  • AI
    The **MP220P-R10-B** belongs to a series of high-performance molded power inductors, typically used in DC-DC converter applications. These components are designed for high-density power supplies where space, efficiency, and electromagnetic interference (EMI) control are critical. ### 1. Technical Specifications The part number follows a specific nomenclature. Below is a breakdown of the typical specifications for this component: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.10 µH (indicated by "R10") | | **Tolerance** | ±20% (indicated by "M") or ±10% | | **Construction** | Shielded, Molded Powder Core | | **Operating Temperature** | -40°C to +125°C (includes self-heating) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Features The MP220P series is characterized by its robust physical and electrical design: * **Magnetic Shielding:** The molded construction utilizes a metal powder core that encapsulates the coil. This provides excellent EMI shielding and reduces "buzz" noise. * **High Saturation Current:** Unlike traditional ferrite inductors, these have a "soft" saturation characteristic, meaning the inductance drops gradually as current increases rather than crashing abruptly. * **Low DCR (DC Resistance):** Designed with flat or heavy-gauge wire to minimize power loss and heat generation. * **Compact Footprint:** The "220" usually refers to the metric or imperial dimensions (e.g., 2.0 x 2.5mm or similar, depending on the specific manufacturer's catalog). --- ### 3. Application Use Cases Because of its low inductance (0.10 µH) and high current capability, the **MP220P-R10-B** is primarily used in: 1. **High-Frequency Switching Regulators:** Used in VRMs (Voltage Regulator Modules) for CPUs and GPUs. 2. **Point of Load (POL) Converters:** Ideal for converting 5V or 3.3V rails down to 1.0V–1.8V for FPGAs and ASICs. 3. **Mobile Devices:** Used in smartphones and tablets where low profile and high efficiency are required. 4. **Automotive Electronics:** If AEC-Q200 qualified, it is used in infotainment and ADAS modules. --- ### 4. Circuit Implementation In a typical Buck Converter circuit, the inductor is placed between the switching node and the output capacitor. ```mermaid graph LR SW[Switching Node] --> L[MP220P-R10-B] L --> Vout[V-Output] L --- C[Filter Capacitor] C --- GND[Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the MP220P-R10-B?
    • ⤷ How does a molded powder core differ from a traditional ferrite core in power inductors?
    • ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 certification?