データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPF2S37-R100-G

  • AI
    Based on the part number **MPF2S37-R100-G**, this component is a high-precision, high-current **Power Inductor** typically used in automotive and industrial power management circuits. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor (SMD) | | **Inductance** | 0.100 µH (Indicated by "R100") | | **Tolerance** | ±20% (Commonly associated with the "G" or series suffix) | | **Construction** | Metal Composite / Molded Construction | | **Application** | DC-DC Converters, VRM, Automotive Infotainment | --- ### 2. Detailed Technical Breakdown #### A. Electrical Characteristics * **Low DCR (Direct Current Resistance):** Designed to minimize power loss and heat generation. * **High Saturation Current ($I_{sat}$):** The molded metal powder core allows the inductor to handle high peak currents without the inductance dropping off sharply. * **Frequency Range:** Optimized for high-speed switching frequencies (typically up to 5MHz). #### B. Construction & Material * **Molded Shielding:** The coil is encapsulated in a metallic magnetic powder. This provides excellent EMI (Electromagnetic Interference) shielding and reduces audible "buzzing" noise. * **Thermal Stability:** These parts are built to withstand high operating temperatures, often ranging from **-55°C to +125°C** or higher. --- ### 3. Part Number Decoder While specific manufacturers (like Cyntec or Mag Layers) may have slight variations, the code generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **MPF** | Series Identifier (Metal Powder Formed) | | **2S37** | Package Size (Dimensions in mm, e.g., 2.5 x 2.0 x 1.0) | | **R100** | Inductance Value (R = decimal point; 0.100 µH) | | **G** | Tolerance or Material Revision Code | --- ### 4. Key Advantages 1. **Compact Footprint:** High current density in a small surface-mount package. 2. **Soft Saturation:** Unlike ferrite cores, these do not saturate instantly, providing a safety margin during current spikes. 3. **AEC-Q200:** Often qualified for automotive use, ensuring high reliability under vibration and thermal shock.
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the 2S37 package size?
    • ⤷ How does a metal composite inductor compare to a traditional ferrite core inductor?
    • ⤷ Can you provide the saturation current (Isat) rating for this specific R100 model?