データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPF2SP-R10-K

  • AI
    The **MPF2SP-R10-K** is a specific part number typically associated with high-performance **Magnetic Proximity Sensors** or **Safety Sensors** (often manufactured by companies like Autonics or specialized industrial component suppliers). These are widely used in automated industrial environments to detect the position of moving parts without physical contact. --- ### Technical Specifications Below are the general characteristics typically found in this component series: | Feature | Specification | | :--- | :--- | | **Component Type** | Magnetic Proximity Sensor / Safety Switch | | **Sensing Distance** | Up to 10mm (varies by target magnet) | | **Output Type** | Relay or Solid State (K-suffix usually denotes specific wiring/connector) | | **Housing Material** | ABS Plastic or Stainless Steel | | **Protection Rating** | IP67 (Water and Dust resistant) | | **Operating Voltage** | 12-24VDC or 100-240VAC (Model dependent) | --- ### Key Electronic Components & Working Principle The "MPF" series generally functions using the following internal electronic architecture: 1. **Hall Effect Sensor or Reed Switch**: The core sensing element that reacts to the presence of a magnetic field. 2. **Signal Conditioning Circuit**: An internal Op-Amp or Schmitt Trigger that cleans the "noisy" magnetic signal into a clean square wave. 3. **Output Transistor/Relay**: * **NPN/PNP**: Used for high-speed switching in PLC inputs. * **Relay**: Used for driving larger loads directly. 4. **Status LED**: Most R10 models include a red or green LED to indicate the "Closed" or "Sensing" state for easy troubleshooting. --- ### Part Number Breakdown While manufacturer codes vary slightly, the breakdown for this specific string is usually: * **MPF**: Series identifier (e.g., Magnetic Proximity/Safety). * **2S**: Likely indicates a "2-wire" or "Dual Sensor" configuration. * **P**: Polarized or PNP output logic. * **R10**: 10mm sensing range or 10ms response time. * **K**: Connector type (typically an M12 plug or a specific cable gland). ### Common Applications * **Conveyor Systems**: Detecting the presence of pallets or metal trays. * **Safety Interlocks**: Ensuring machine guards are closed before operation. * **Pneumatic Cylinders**: Monitoring the end-of-stroke position of a piston. ---
    ✨ Follow-up Questions
    • ⤷ Is this part being used for a safety-critical application?
    • ⤷ Do you need the specific wiring diagram for the 'K' connector type?
    • ⤷ Are you looking for a direct equivalent from a different manufacturer?