データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPL73-R15

  • AI
    ## Technical Overview of the MPL73-R15 Inductor The **MPL73-R15** is a high-performance, low-loss power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount (SMD) components designed for high-frequency power electronics. ### 1. Key Specifications The technical parameters of the MPL73-R15 define its efficiency and suitability for specific circuits. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.15 µH | | **Inductance Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.70 mΩ (Typical) | | **Saturation Current ($I_{sat}$)** | ~50A to 60A (approximate) | | **Rated Current ($I_{rms}$)** | ~35A to 40A | | **Operating Temperature** | -40°C to +125°C | | **Dimensions** | Approx. 7.0mm x 7.0mm (standard 73 footprint) | --- ### 2. Core Features * **Molded Construction:** The "MPL" series usually utilizes a metal alloy powder core molded around the winding. This provides excellent magnetic shielding and high saturation characteristics. * **Low DCR:** The very low Direct Current Resistance (0.15 µH and <1mΩ) minimizes power loss due to heat, making it ideal for high-efficiency power supplies. * **Soft Saturation:** Unlike ferrite cores that lose inductance sharply, the metal powder core exhibits "soft" saturation, meaning it maintains performance even under high current spikes. * **High Frequency:** Optimized for switching frequencies ranging from 100kHz up to several MHz. --- ### 3. Applications The MPL73-R15 is commonly found in the following electronic environments: 1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Providing stable power to FPGAs or ASICs. 3. **High-Current DC/DC Converters:** Found in automotive electronics and industrial power supplies. 4. **Battery Powered Systems:** Where high efficiency is critical to extending battery life. --- ### 4. Part Number Breakdown While naming conventions vary slightly by manufacturer (e.g., Cyntec, Eaton, or similar clones), the nomenclature usually follows this logic: ```text MPL - 73 - R15 | | | | | +-- Inductance Value: R15 = 0.15 microhenries (µH) | +------- Physical Size: 7.3mm x 7.3mm (approximate footprint) +------------ Series: Molded Power Low-profile / Low-loss ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the MPL73-R15?
    • ⤷ How does the soft saturation curve of a metal powder core compare to a ferrite core?
    • ⤷ What is the impact of high DCR on power efficiency in a 12V to 1V converter?