データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPL73-R47

  • AI
    ## MPL73-R47: Technical Overview The **MPL73-R47** is a high-performance, low-profile **molded power inductor** commonly used in DC-DC converter applications. It belongs to a class of inductors designed for high-current environments where space is limited. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~1.3 mΩ (Typ) to 1.6 mΩ (Max) | | **Saturation Current (Isat)** | ~30A - 35A | | **Heat Rating Current (Irms)** | ~20A - 25A | | **Operating Temperature** | -55°C to +125°C (including self-heating) | | **Dimensions (Footprint)** | Approx. 7.3mm x 6.6mm | --- ### 2. Core Features & Construction * **Molded Structure:** The inductor is constructed using a metallic powder core molded around a copper coil. This design provides excellent magnetic shielding and reduces acoustic noise (buzzing). * **High Current Density:** Due to its flat-wire or optimized coil design, it can handle very high saturation currents relative to its small physical size. * **Low DCR:** The low DC resistance minimizes power loss and prevents excessive heat generation, making it highly efficient for battery-powered devices. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when overloaded, the molded metallic powder core exhibits a "soft" saturation curve, which is safer for power supply stability. --- ### 3. Common Applications The MPL73-R47 is typically found in the following electronic circuits: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for high-speed switching. 2. **DC-DC Converters:** Point-of-load (POL) converters in telecommunications. 3. **Battery Powered Devices:** Laptops, tablets, and handheld medical equipment where efficiency is critical. 4. **Automotive Infotainment:** Powering onboard sensors and display units. --- ### 4. Part Number Breakdown The naming convention usually follows this logic: * **MPL:** Series designation (Molded Power Inductor). * **73:** Physical size (approx. 7.3mm length). * **R47:** Inductance value (R denotes the decimal point, so 0.47 µH). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Isat and Irms for this inductor?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ What are the recommended soldering profiles for molded inductors?