データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPSA13-AB3-R

  • AI
    ## Electronic Overview: MPSA13-AB3-R The **MPSA13-AB3-R** is an NPN Darlington transistor specifically designed for applications requiring high current gain. It is commonly used in pre-amplifier stages and high-impedance buffering circuits. ### 1. Key Specifications The following table outlines the fundamental electrical characteristics of the MPSA13-AB3-R: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Emitter Voltage | $V_{CES}$ | 30 | V | | Collector-Base Voltage | $V_{CBO}$ | 30 | V | | Emitter-Base Voltage | $V_{EBO}$ | 10 | V | | Collector Current (Continuous) | $I_C$ | 500 | mA | | DC Current Gain ($I_C = 10mA$) | $h_{FE}$ | 5,000 - 10,000 | - | | Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 625 | mW | --- ### 2. Darlington Configuration The MPSA13 is not a standard transistor; it consists of two NPN transistors connected in a **Darlington pair**. * **High Gain:** Because the gain of the two transistors is multiplied ($h_{FE1} \times h_{FE2}$), it achieves an extremely high gain (minimum 5,000). * **Input Impedance:** It offers very high input impedance, making it ideal for interfacing with low-power sensors. * **Voltage Drop:** A trade-off of this design is a higher Base-Emitter ON voltage ($V_{BE(on)}$), typically around **1.4V to 1.5V**, compared to the 0.7V of a standard transistor. --- ### 3. Package and Ordering Information The "AB3-R" suffix typically refers to the physical packaging and shipping method: * **SOT-89:** The "AB3" code usually identifies the SOT-89 surface-mount package. * **Tape and Reel:** The "R" indicates the part is supplied on a reel for automated assembly. ### 4. Typical Applications 1. **Sensor Preamplifiers:** Boosting very small currents from light or touch sensors. 2. **Relay Drivers:** Driving a high-current relay directly from a low-power microcontroller pin. 3. **Audio Preamps:** Used in the input stages of audio equipment to minimize loading on the source. --- ### Pinout Configuration (SOT-89) ```text _______ | 2 | (Collector/Tab) ___|_______|___ | 1 2 3 | |___|___|___|___| | | | B C E 1: Base 2: Collector (Middle lead and large tab) 3: Emitter ```
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the MPSA13 and the MPSA14?
    • ⤷ How does the high Vbe(on) affect the switching speed of this transistor?
    • ⤷ Can this transistor be used in a high-speed PWM application?