データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPT718-R10H1

  • AI
    The **MPT718-R10H1** is a high-performance **Molding Power Inductor**. It is part of a series designed for high-density power applications where space, efficiency, and electromagnetic shielding are critical. --- ## 1. Core Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH | The "R10" indicates 0.10 microhenries. | | **Tolerance** | ±20% | Typical tolerance for this class of power inductors. | | **Saturation Current ($I_{sat}$)** | ~50A - 60A | The current level where inductance drops significantly. | | **Heat Rating Current ($I_{rms}$)** | ~30A - 40A | The continuous current allowed for a 40°C temperature rise. | | **DC Resistance (DCR)** | Very Low | Typically sub-1.0 mΩ to minimize power loss. | | **Operating Temp** | -40°C to +125°C | Rated for automotive and industrial environments. | --- ## 2. Structural & Material Composition The MPT718 series utilizes **Molded Powder** technology, which offers several advantages over traditional wire-wound or ferrite core inductors: * **Core Material:** Metal alloy powder (Iron-based). This allows for high saturation points and stability across temperature fluctuations. * **Shielding:** The molded construction provides "Magnetic Self-Shielding," which significantly reduces Electromagnetic Interference (EMI) and prevents noise leakage to nearby components. * **Winding:** Uses a flat wire or heavy-gauge copper winding inside the molded body to achieve the lowest possible DCR (Direct Current Resistance). --- ## 3. Key Features * **High Power Density:** Large current handling capability in a small surface-mount (SMD) footprint. * **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply, the alloy powder core exhibits a "soft" saturation curve, which is safer for power supply stability. * **Low Audible Noise:** The molded structure encapsulates the coil, preventing "coil whine" caused by magnetostriction. --- ## 4. Typical Applications The MPT718-R10H1 is commonly found in the following electronic circuits: 1. **Voltage Regulator Modules (VRM):** High-speed CPU/GPU power delivery for servers and laptops. 2. **DC/DC Converters:** Point-of-Load (POL) converters in telecommunications. 3. **Automotive Electronics:** Infotainment systems and Advanced Driver Assistance Systems (ADAS) due to its high-temperature durability. ---
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of the MPT718 package?
    • ⤷ How does the 'R10H1' suffix specifically define its performance compared to other inductors?
    • ⤷ What are the recommended soldering profiles for this molded inductor?