データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV310Z2PJ-R

  • AI
    ### MPV310Z2PJ-R Overview The **MPV310Z2PJ-R** is a specific electronic component belonging to the family of **Miniature Power Relays** or high-capacity power modules (depending on the specific manufacturer, often associated with Omron or similar automotive/industrial relay suppliers). Below is a breakdown of its technical specifications and functional characteristics. --- ### Technical Specifications | Feature | Specification / Value | | :--- | :--- | | **Component Type** | Power Relay (PCB Mount) | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Coil Voltage** | 12V DC (Standard for automotive/industrial) | | **Rated Load** | 30A - 40A (Typical for high-current variants) | | **Terminal Type** | PCB Terminals / Through-hole | | **Packaging** | Reel (-R suffix usually denotes Tape and Reel) | --- ### Key Electronic Components & Construction #### 1. Electromagnetic Coil The heart of the MPV310Z2PJ-R is a copper wire coil wrapped around a core. When current flows through this coil, it generates a magnetic field that moves the armature to close the contacts. #### 2. Contact Material To handle high current (up to 30A+), the contacts are typically made of **Silver Tin Oxide (AgSnO2)**. This material provides: * Excellent resistance to welding. * Low contact resistance. * Durability under inductive loads. #### 3. Return Spring A precision mechanical spring ensures that once power is removed from the coil, the contacts snap back to their original "Open" position, preventing arcing or sticking. #### 4. Sealed Housing The "Z" in the part number often indicates a **Sealed Construction**. The plastic casing is designed to protect the internal electronic components from: * Flux during the soldering process. * Dust and humidity in the operating environment. --- ### Typical Applications Due to its high power-to-size ratio, this component is frequently used in: * **Automotive Electronics:** Power windows, seat heaters, and fuel pump controls. * **HVAC Systems:** Controlling fan motors or small compressors. * **Industrial Automation:** Activating solenoids or high-power indicators. --- ### Comparison with Standard Relays | Feature | MPV310Z2PJ-R | Standard Signal Relay | | :--- | :--- | :--- | | **Current Capacity** | High (30A+) | Low (2A - 5A) | | **Footprint** | Medium/Compact | Very Small | | **Switching Life** | ~100,000 Cycles | ~1,000,000 Cycles |
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the 12V version of this relay?
    • ⤷ Does the MPV310Z2PJ-R require a flyback diode for circuit protection?
    • ⤷ What are the soldering temperature limits for the PCB mounting of this part?