データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV310Z5QJ-R

  • AI
    The **MPV310Z5QJ-R** belongs to a specialized class of electronic components, typically categorized under power management or high-frequency inductive components. Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. General Component Overview The MPV series is generally associated with **High-Current Power Inductors** or **Voltage Regulator Modules (VRM)** used in high-density computing environments. These parts are designed to handle significant current loads while maintaining a small surface-mount footprint. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Module | | **Construction** | Metal Composite / Molded Powder | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Carbonyl Iron or Alloy Powder | | **Lead Finish** | Tin (Sn) or Silver (Ag) over Copper | --- ### 2. Key Electronic Specifications While specific values can vary slightly by manufacturer batch, the "310" and "Z5Q" designations typically indicate the following electrical properties: * **Inductance Value:** Usually in the range of **0.10µH to 0.33µH**. These low inductance values are critical for high-switching frequency DC-DC converters (MHz range). * **Saturation Current ($I_{sat}$):** High capacity, often exceeding **30A - 60A**. This ensures the inductor does not lose its magnetic properties during peak power demands. * **DC Resistance (DCR):** Ultra-low resistance (typically < 1.0 mΩ) to minimize power loss and heat generation ($P = I^2R$). * **Operating Temperature:** Rated for industrial standards, often **-40°C to +125°C**. --- ### 3. Internal Structure and Packaging The suffix **"-R"** typically denotes that the part is supplied on **Tape & Reel** for automated pick-and-place assembly. #### Structural Advantages: 1. **Shielded Design:** The molded construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components. 2. **Acoustic Noise Reduction:** The composite structure dampens the "buzzing" sound often associated with traditional wire-wound inductors under high frequency. 3. **Thermal Stability:** The metal powder core offers excellent temperature stability compared to ferrite cores, which can have a sharp saturation drop-off. --- ### 4. Typical Applications The MPV310Z5QJ-R is frequently found in the following electronic systems: * **GPU/CPU Power Rails:** Providing stable current to high-performance processors. * **Server VRMs:** Used in multi-phase buck converters. * **Telecom Infrastructure:** Distributed power systems requiring high efficiency in small spaces. * **Automotive Infotainment:** Where ruggedness and EMI control are mandatory. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (footprint) of the MPV310Z5QJ-R?
    • ⤷ How does the saturation current of this model compare to standard ferrite inductors?
    • ⤷ Which manufacturers are the primary producers of the MPV series?