データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV320R1LJ-R

  • AI
    The **MPV320R1LJ-R** is a high-precision, industrial-grade Surface Mount (SMD) Metal Oxide Varistor (MOV) manufactured by **Bourns**. It is specifically designed to provide robust overvoltage protection in a compact form factor. --- ### ## Technical Specifications The following table highlights the core electrical characteristics of the MPV320R1LJ-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Max Continuous AC Voltage (RMS)** | 320V | | **Max Continuous DC Voltage** | 420V | | **Varistor Voltage (@ 1mA DC)** | 510V (Typical) | | **Max Clamping Voltage** | 840V | | **Peak Surge Current (8/20 µs)** | 6,000 A (6kA) | | **Energy Rating (10/1000 µs)** | 170 Joules | | **Capacitance (Typical)** | 350 pF | | **Operating Temperature** | -40°C to +85°C | --- ### ## Key Features * **Surface Mount Design:** Unlike traditional radial-leaded varistors, this part is designed for automated SMT assembly, saving board space and reducing production costs. * **High Surge Capability:** Capable of handling high peak currents (up to 6kA), making it suitable for lightning and inductive load switching protection. * **Thermal Protection:** The "MPV" series often incorporates internal thermal links or construction techniques to improve safety under end-of-life conditions. * **Reliability:** Compliant with UL 1449 (Surge Protective Devices) standards for safety. --- ### ## Applications The MPV320R1LJ-R is commonly integrated into the following systems: 1. **AC Power Supplies:** Protection of Switched-Mode Power Supplies (SMPS) against line transients. 2. **Industrial Automation:** Shielding PLCs and sensor interfaces from electrical noise. 3. **LED Lighting:** Protecting sensitive LED drivers from grid fluctuations. 4. **Smart Meters:** Ensuring the longevity of utility metering electronics in outdoor environments. --- ### ## Typical Implementation In a standard circuit, the varistor is placed in parallel with the load (Line to Neutral or Line to Ground). ```markdown [AC Input] ----(Fuse)----+---- [Load] | [MPV320R1LJ-R] | [Neutral] ---------------+----------- ``` *Note: It is highly recommended to use a fuse upstream to prevent fire hazards in the event of a permanent overvoltage condition.*
    ✨ Follow-up Questions
    • ⤷What are the footprint dimensions for the MPV320R1LJ-R?
    • ⤷ How does this part compare to a TVS diode for surge protection?
    • ⤷ What is the recommended soldering profile for this SMD varistor?