データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV320R8HJ-R

  • AI
    The **MPV320R8HJ-R** is a specific part number belonging to a series of **Metal Oxide Varistors (MOV)**, typically manufactured by companies like Littelfuse or specialized circuit protection vendors. These components are designed to protect electronic circuits from high-voltage surges and transients. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Varistor (MOV) | Voltage-dependent resistor used for surge protection. | | **Working Voltage** | ~320V AC (RMS) | Maximum continuous operating voltage. | | **Peak Surge Current** | 8kA (8000A) | The maximum current pulse the device can handle once. | | **Energy Rating** | High Joule Rating | Designed to absorb significant energy from spikes. | | **Configuration** | Radial Leaded | Through-hole mounting for PCBs. | --- ## 2. Key Electronic Functions The MPV320R8HJ-R acts as a **clamping device**. Here is how it operates within a circuit: ### A. Non-Conductive State (Normal Operation) Under normal voltage conditions (below 320V AC), the varistor maintains a very high resistance. It acts as an open circuit and does not interfere with the power flow to the rest of the device. ### B. Conductive State (Surge Event) When a voltage spike (e.g., from lightning or inductive switching) exceeds its threshold: * The resistance drops instantly. * The varistor shunts (diverts) the excess current to the ground or away from sensitive components. * It "clamps" the voltage to a level that the rest of the circuit can survive. --- ## 3. Physical Construction The device is typically constructed from a ceramic mass of **Zinc Oxide (ZnO)** grains mixed with other metal oxides. * **Encapsulation:** Coated in a flame-retardant epoxy (usually blue or red). * **Terminals:** Two tinned copper leads for soldering. --- ## 4. Common Applications * **Power Supplies:** Used at the AC input stage of SMPS (Switch Mode Power Supplies). * **Home Appliances:** Protection for washing machines, refrigerators, and TVs. * **Industrial Equipment:** Surge protection in motor controllers and PLCs. * **LED Drivers:** Protecting the sensitive electronics from grid fluctuations. --- ## 5. Typical Circuit Placement In a standard protection circuit, the part is placed in parallel with the load: ```text AC Line (L) ---- [FUSE] ----+---- [LOAD] | [MPV320R8HJ-R] | AC Neutral (N) -------------+---- [LOAD] ``` *Note: A fuse is always recommended in series before the varistor to prevent fire in the event of a catastrophic component failure.*
    ✨ Follow-up Questions
    • ⤷ What is the clamping voltage for this specific varistor?
    • ⤷ How does the 8kA peak current rating affect its lifespan?
    • ⤷ What are the alternatives if this part is out of stock?