データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV320Z1QJ-R

  • AI
    The **MPV320Z1QJ-R** is a high-efficiency, integrated Power Management Integrated Circuit (PMIC), specifically belonging to the **MPS (Monolithic Power Systems)** family of step-down (buck) converters. This component is designed for high-density power applications where space and efficiency are critical. --- ### 1. Key Technical Specifications Below are the core technical parameters for the MPV320Z1QJ-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Monolithic Power Systems (MPS) | | **Topology** | Synchronous Step-Down (Buck) | | **Input Voltage Range** | Typically 4.5V to 16V | | **Output Current** | Up to 20A (Application dependent) | | **Switching Frequency** | Adjustable (High frequency for small inductors) | | **Package Type** | QFN (Quad Flat No-lead) | | **Control Method** | Constant On-Time (COT) for fast transient response | --- ### 2. Functional Electronic Parts & Features The device integrates several critical electronic sub-systems into a single silicon die: * **Integrated MOSFETs:** It features high-side and low-side power MOSFETs with low $R_{DS(on)}$, which minimizes heat dissipation and eliminates the need for external switching transistors. * **COT Control Loop:** Uses a Constant On-Time control scheme. This allows the part to respond almost instantly to sudden changes in load current without the complex compensation networks required by traditional PWM controllers. * **Internal LDO:** Includes an internal Linear Regulator to provide the necessary gate drive voltage and internal logic power from the input supply. * **Protection Circuitry:** * **OCP (Over Current Protection):** Uses cycle-by-cycle sensing. * **OVP/UVP:** Over/Under Voltage protection for the output rail. * **OTP:** Thermal shutdown to prevent damage from overheating. --- ### 3. Application Circuit Example To utilize this part, a designer typically requires the following external passive components: ```yaml Components: - Input Capacitors: Ceramic (MLCC) for high-frequency decoupling. - Inductor: Power inductor sized for the 20A peak current. - Output Capacitors: To smooth the output voltage ripple. - Resistor Divider: Connected to the FB (Feedback) pin to set the output voltage. ``` --- ### 4. Typical Use Cases * **Networking & Telecom:** Powering ASICs and FPGAs in routers/switches. * **Server/Storage:** High-current Point-of-Load (POL) regulation. * **Industrial Systems:** Distributed power architectures requiring high efficiency in a small footprint.
    ✨ Follow-up Questions
    • ⤷ What is the maximum efficiency rating for the MPV320Z1QJ-R under typical load?
    • ⤷ How does the Constant On-Time (COT) control differ from standard PWM in this chip?
    • ⤷ What are the recommended values for the output inductor for a 1.2V output?