データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV320Z2QJ-R

  • AI
    The **MPV320Z2QJ-R** is a specialized power management component, typically categorized as a **Digital Multi-Phase Controller** or a high-efficiency **Voltage Regulator Module (VRM)** controller, often used in server, data center, and high-performance computing (HPC) environments. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Multi-Phase Step-Down (Buck) Controller | | **Phase Count** | Typically supports 2 to 8 phases (scalable) | | **Input Voltage (Vcc)** | 3.3V / 5V Logic Supply | | **Communication Interface** | PMBus / I2C / SMBus | | **Feedback Mechanism** | Digital Control Loop (Programmable) | | **Package Type** | QFN (Quad Flat No-lead) | | **Efficiency** | Optimized for >90% at peak loads | --- ### 2. Core Functional Parts The internal architecture of the MPV320Z2QJ-R consists of several critical sub-systems: #### A. Digital Control Core Unlike traditional analog controllers, this part uses a **Digital Signal Processor (DSP)** or state machine to manage the switching frequency and duty cycle. This allows for: * Real-time telemetry (monitoring current and temperature). * Dynamic voltage scaling (DVS). #### B. Phase Interleaving Logic The controller manages multiple power stages (DrMOS) by shifting their switching cycles. This reduces **input ripple current** and allows the use of smaller capacitors, which saves PCB space. #### C. PMBus Interface The "Digital" aspect is defined by its ability to communicate with the System Management Controller (SMC). It reports: * **READ_VIN / READ_VOUT**: Input/Output voltage. * **READ_IOUT**: Current consumption. * **READ_TEMPERATURE**: Thermal status. #### D. Protection Circuitry The chip integrates hardware-level safeguards: * **OCP (Over-Current Protection):** Shuts down the output if the load exceeds limits. * **OVP/UVP (Over/Under Voltage Protection):** Prevents damage to sensitive CPUs/GPUs. * **OTP (Over-Temperature Protection):** Thermal throttling capabilities. --- ### 3. Application Context This part is commonly found in "Point-of-Load" (POL) applications where high current (100A+) and low voltage (<1.8V) are required. * **Processor Power:** Supplying Vcore to high-end CPUs. * **Memory Arrays:** Powering DDR4/DDR5 memory banks in servers. * **ASICs/FPGAs:** Providing stable power to networking hardware. --- ### 4. Circuit Implementation Diagram (Simplified) ```mermaid graph LR A[PMBus Controller] --> B(MPV320Z2QJ-R) B --> C[DrMOS Phase 1] B --> D[DrMOS Phase 2] B --> E[DrMOS Phase N] C --> F[Output Inductor/Capacitor] D --> F E --> F F --> G[CPU/Load] ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible DrMOS power stages for this controller?
    • ⤷ How do you program the PMBus registers for voltage margining?
    • ⤷ What is the specific thermal operating range for the QJ package?