データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV360Z2HJ-R

  • AI
    The **MPV360Z2HJ-R** is a specific high-efficiency power supply module, typically categorized as an AC-DC converter or an Open Frame power supply often used in industrial and medical applications. Below is the breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | AC-DC Converter (Switch Mode Power Supply) | | **Input Voltage Range** | 90V to 264V AC (Universal Input) | | **Output Power** | ~360 Watts (Maximum) | | **Output Voltage** | Usually 12V, 24V, or 48V DC (Depends on sub-variant) | | **Efficiency** | High Efficiency (typically >90%) | | **Cooling** | Convection or Forced Air | --- ### 2. Major Electronic Sub-systems The module consists of several critical stages that manage power conversion: #### A. Input Filter and Protection * **EMI Filter:** Uses X and Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. * **Bridge Rectifier:** Converts the AC input into pulsating DC. * **Inrush Current Limiter:** Usually a thermistor (NTC) to prevent damage when the unit is first plugged in. #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** This stage ensures the current drawn is in phase with the voltage, reducing harmonic distortion and improving energy efficiency to meet international standards (like EN61000-3-2). #### C. DC-DC Converter (Main Stage) * **Switching MOSFETs:** High-speed transistors that "chop" the high-voltage DC into high-frequency AC. * **High-Frequency Transformer:** Provides galvanic isolation between the input and output while stepping down the voltage. * **PWM Controller IC:** The "brain" of the unit that regulates the duty cycle of the MOSFETs to maintain a constant output voltage. #### D. Secondary Rectification and Filtering * **Schottky Diodes or Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back into smooth DC. * **Electrolytic Capacitors:** Large "reservoir" capacitors that smooth out the voltage ripples. --- ### 3. Protection Features The internal circuitry includes integrated protection logic: * **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds safe limits. * **OCP (Over Current Protection):** Protects against short circuits or excessive loads. * **OTP (Over Temperature Protection):** Monitors heat via an internal thermistor and throttles power if the unit overheats. --- ### 4. Physical and Mechanical Design The "Z2HJ-R" suffix often refers to the mechanical mounting and connector configuration: * **Compact Footprint:** Designed for space-constrained industrial enclosures. * **Terminals:** Typically features screw terminals or pin headers for input/output connections. ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage for the MPV360Z2HJ-R model?
    • ⤷ Can this power supply be used in medical grade applications?
    • ⤷ How does the MPV360Z2HJ-R handle heat dissipation without an internal fan?