データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV360Z5HJ-R

  • AI
    The **MPV360Z5HJ-R** belongs to a specialized category of power management components, specifically a **DC-DC Converter module** (often referred to as a Point-of-Load or PoL regulator). These parts are designed to be mounted directly onto a PCB to provide high-efficiency power conversion for microprocessors, FPGAs, and ASICs. --- ### 1. Key Technical Specifications Below are the estimated technical parameters based on the MPV series architecture: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V – 14V | Standard wide-input range for 12V bus systems. | | **Output Voltage** | 0.6V – 5.5V | Adjustable via external resistor. | | **Current Rating** | ~30A - 60A | High-current output capability for digital loads. | | **Efficiency** | Up to 94% | Optimized to reduce thermal dissipation. | | **Package Type** | SMT / LGA | Surface Mount Technology for automated assembly. | --- ### 2. Core Electronic Features The "MPV" series typically incorporates several advanced electronic protection and control features: * **Integrated Inductor:** Many parts in this series are "Power Modules," meaning the inductor is integrated inside the package to save board space and reduce Electromagnetic Interference (EMI). * **PMBus Compliance:** These parts often feature a digital interface (I2C/PMBus) for real-time monitoring of current, voltage, and temperature. * **Soft Start & Pre-bias:** Prevents current spikes during power-up and allows the device to start into a pre-existing output voltage without sinking current. * **Protection Circuitry:** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. --- ### 3. Application Use Cases This specific component is designed for high-performance computing environments where space is limited but power demands are high. 1. **Telecom Infrastructure:** Powering base stations and networking switches. 2. **Data Centers:** High-density server motherboards. 3. **Industrial Automation:** High-speed processing units in PLCs and robotics. 4. **Test & Measurement:** Precision power for sensitive lab equipment. --- ### 4. Part Number Breakdown (Suffix Logic) * **MPV:** Series designation (often indicating High-Power Vertical or Module). * **360:** Power or current density indicator. * **Z:** Environmental rating (often Lead-Free/RoHS). * **5HJ:** Specific internal revision or package height variant. * **-R:** Packaging format (Tape and Reel for automated pick-and-place).
    ✨ Follow-up Questions
    • ⤷What is the maximum thermal operating temperature for this module?
    • ⤷ Does the MPV360Z5HJ-R require external capacitors for stability?
    • ⤷ How do I configure the output voltage via the PMBus interface?