データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV360Z5LJ-R

  • AI
    The **MPV360Z5LJ-R** is a high-performance power module, typically belonging to the category of **DC-DC Converters** or **Power Management Modules**. These components are designed to convert a source of direct current (DC) from one voltage level to another with high efficiency and a small footprint. --- ### ## Technical Specifications Below is a breakdown of the typical electronic characteristics associated with this series of power parts: | Parameter | Description | | :--- | :--- | | **Component Type** | Isolated or Non-Isolated DC-DC Converter | | **Input Voltage Range** | Typically wide-range (e.g., 36V - 75V or variable) | | **Output Voltage** | Regulated low voltage (often 5V or 12V depending on suffix) | | **Power Rating** | High density, often exceeding 300W+ | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **Cooling** | Often requires heat-sinking or forced air for peak performance | --- ### ## Core Electronic Components Internally, the MPV360Z5LJ-R consists of several critical sub-systems: 1. **Switching Controller (PWM):** The "brain" of the module that regulates the duty cycle to maintain a steady output voltage regardless of input fluctuations. 2. **Power MOSFETs:** High-speed transistors used to switch the input current through the transformer/inductor. 3. **Planar Transformer:** A low-profile magnetic component used for voltage transformation and galvanic isolation. 4. **Filter Capacitors:** High-grade ceramic or polymer capacitors that smooth out the output ripple and reduce electromagnetic interference (EMI). 5. **Protection Circuitry:** Built-in safeguards including: * **Over-Current Protection (OCP)** * **Over-Voltage Protection (OVP)** * **Thermal Shutdown (OTP)** --- ### ## Common Applications Because of its high efficiency and reliability, this part is commonly found in: * **Telecommunications:** Base stations and networking hardware. * **Industrial Automation:** Distributed power architectures. * **Computing:** High-end servers and storage systems. --- ### ## Ordering Information (Suffix Breakdown) In the part number `MPV360Z5LJ-R`: * **MPV:** Series identifier. * **360:** Likely refers to the power rating (360 Watts). * **Z/5:** Indicators for specific voltage configurations or revision codes. * **-R:** Generally indicates **RoHS Compliance** or **Tape & Reel** packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the exact input and output voltage ranges for the MPV360 series?
    • ⤷ Does this module require external capacitors for stability?
    • ⤷ What is the maximum operating temperature before thermal derating occurs?