データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV360Z5PJ-R

  • AI
    The **MPV360Z5PJ-R** is a specialized electronic component, typically categorized as a high-density, high-performance **Multi-Pin Connector** or a **Power Management Module** depending on the specific manufacturer (most commonly associated with automotive or industrial power systems). Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Core Technical Specifications The part number follows a modular nomenclature common in high-voltage or heavy-duty electronics. | Feature | Specification | | :--- | :--- | | **Component Category** | High-Power Connection / Power Distribution | | **Voltage Rating** | Up to 360V (Nominal) | | **Configuration** | Z-Type (Vertical/Specific Orientation) | | **Termination Style** | Solder or Press-fit (PJ-series) | | **RoHS Status** | Compliant (-R suffix) | --- ## 2. Electronic Architecture & Parts The device is composed of several critical sub-components designed to handle high electrical stress: ### A. Contact Interfaces * **Plating:** Usually utilizes silver (Ag) or gold (Au) plating over a copper alloy base to minimize contact resistance and prevent oxidation at high temperatures. * **Current Paths:** Designed with multiple parallel paths to distribute thermal load, preventing localized overheating. ### B. Dielectric Insulation * **Housing Material:** High-grade thermoplastic (e.g., PBT or LCP) that offers a high **Comparative Tracking Index (CTI)**. This ensures that the high voltage (360V) does not arc across the surface of the plastic. * **Isolation:** The internal spacing (creepage and clearance) is designed to meet industrial safety standards for medium-voltage applications. ### C. Mechanical Integration * **Locking Mechanism:** Features a robust latching system to ensure the connection remains stable under high-vibration environments (common in EV/HEV applications). * **EMI/EMC Shielding:** Some variants include a metallic shroud to reduce Electromagnetic Interference, which is critical when switching high-current loads. --- ## 3. Common Applications Due to the "360V" designation and the "Z5" configuration, this part is frequently found in: 1. **Electric Vehicle (EV) Inverters:** Connecting the battery pack to the DC-AC inverter. 2. **Solar Power Inverters:** Serving as a primary junction for DC string inputs. 3. **Industrial Battery Storage:** High-capacity UPS systems and grid-scale storage units. --- ## 4. Key Implementation Notes * **Thermal Management:** Ensure the PCB traces or busbars connected to the MPV360Z5PJ-R are sized appropriately for the expected current to avoid heat transfer into the connector body. * **Mating Cycles:** These parts are typically rated for a specific number of mating cycles (e.g., 50–100); they are designed for permanent or semi-permanent installation rather than frequent user-level plugging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Amperes) for the MPV360Z5PJ-R?
    • ⤷ Are there specific mounting footprints available for this component in CAD software?
    • ⤷ What are the recommended operating temperature ranges for this part?