MPV3J10B8QJ-R
AI

The **MPV3J10B8QJ-R** is a high-performance, molded power inductor manufactured by **Cyntec**. It is designed specifically for high-density power applications such as DC-DC converters in laptops, servers, and automotive infotainment systems.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~18.5 mΩ (Typ) / 20.4 mΩ (Max) |
| **Saturation Current (Isat)** | ~8.0 A (Approximate) |
| **Heating Current (Irms)** | ~6.5 A (Approximate) |
| **Dimensions** | 3.2 x 2.5 x 1.0 mm (approx. size code 3225) |
| **Operating Temperature** | -55°C to +125°C |
---
## Key Features & Construction
### 1. Metal Alloy Core
Unlike traditional ferrite inductors, this part uses a **metal alloy powder** core. This provides a "soft saturation" characteristic, meaning the inductance drops gradually as current increases rather than dropping off sharply.
### 2. Molded Construction
The coil is embedded directly into the metal powder body under high pressure. This results in:
* **Low Acoustic Noise:** Minimizes "coil whine" caused by magnetostriction.
* **Magnetic Shielding:** Naturally reduces Electromagnetic Interference (EMI) to surrounding components.
* **Ruggedness:** Excellent resistance to mechanical shock and vibration.
### 3. Low Profile (Thin Design)
The "10" in the part number often signifies a max height of **1.0 mm**. This makes it ideal for ultra-thin electronics like tablets and thin-and-light laptops.
---
## Typical Applications
* **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery.
* **Point of Load (POL) Converters:** Step-down conversion for various board-level voltages.
* **Handheld Devices:** Smart phones and tablets where space is a premium.
* **Automotive:** Infotainment and ADAS systems (where AEC-Q200 qualification is present).
---
## Marking and Packaging
The **"-R"** suffix typically indicates that the parts are supplied on a **Tape and Reel** for use with automated Pick-and-Place SMT (Surface Mount Technology) assembly lines.
- ⤷What is the exact saturation current behavior for the MPV3J series?
- ⤷ How does the metal alloy core compare to traditional ferrite cores in terms of EMI?
- ⤷ Are there AEC-Q200 qualified versions of this inductor for automotive use?