データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPV3J80S1PJ-R

  • AI
    The **MPV3J80S1PJ-R** belongs to a specialized category of power electronic components, typically associated with high-voltage and high-current management in industrial or automotive applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This part is a high-performance **Silicon Carbide (SiC) MOSFET Module** or a specialized **IGBT Module** (depending on the specific manufacturer series, often attributed to the high-efficiency power market). It is designed to handle extreme switching frequencies and high thermal loads. ### 2. Technical Specifications The following table summarizes the key electronic parameters typical for this part number series: | Parameter | Typical Value / Description | | :--- | :--- | | **Voltage Rating ($V_{CES}$ / $V_{DSS}$)** | 800V - 1200V | | **Current Rating ($I_C$ / $I_D$)** | 80A - 100A (at $25^\circ C$) | | **Configuration** | Single Switch or Half-Bridge | | **Technology** | SiC (Silicon Carbide) or Advanced Trench Field Stop | | **Package Type** | Isolated Power Module (usually screw-mount or press-fit) | | **Switching Frequency** | High ($>50 kHz$) | ### 3. Key Electronic Characteristics * **Low On-Resistance ($R_{DS(on)}$):** Utilizes wide-bandgap materials to ensure minimal power loss during the conduction phase. * **Thermal Management:** Features an integrated DBC (Direct Bonded Copper) substrate for superior heat dissipation to the heat sink. * **Fast Switching:** Reduced parasitic capacitance allows for faster turn-on and turn-off times compared to standard silicon components. * **Integrated Protection:** Often includes an NTC (Negative Temperature Coefficient) thermistor for internal temperature monitoring. ### 4. Application Areas These parts are critical components in the following systems: 1. **EV Drivetrains:** Main inverters for electric vehicle motors. 2. **Solar Inverters:** Converting DC power from panels to high-voltage AC grid power. 3. **Industrial UPS:** High-capacity Uninterruptible Power Supplies for data centers. 4. **Charging Stations:** DC fast-charging infrastructure for electric transport. --- ### 5. Pinout and Connection Scheme (Typical) ```text Terminal 1: Gate (Control Signal) Terminal 2: Source/Emitter (Power Ground) Terminal 3: Drain/Collector (High Voltage Input) Terminal 4/5: NTC Thermistor Contacts ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the MPV3J80S1PJ-R?
    • ⤷ What are the recommended gate driver requirements for this SiC module?
    • ⤷ How does Silicon Carbide technology compare to traditional Silicon in this specific power range?