データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPZ-R

  • AI
    The **MPZ-R series** refers to a specific line of High-Current Chip Beads manufactured by **TDK Corporation**. These components are primarily used for EMI (Electromagnetic Interference) suppression in power lines. --- ### 1. Technical Overview Chip beads like the MPZ-R series function as a frequency-dependent resistor. At low frequencies, they have negligible impedance, but at high frequencies, they provide high resistance to dissipate noise as heat. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Ferrite Chip Bead (Multi-layer) | | **Primary Function** | Noise suppression / EMI filtering | | **Circuit Position** | Power supply lines (Vcc) | | **Key Advantage** | Low DC resistance (Rdc) to minimize power loss | --- ### 2. Key Characteristics of MPZ-R The "R" in the series often denotes **Low Resistance** or a specific material optimization for high-current applications. * **High Current Capability:** Unlike standard signal-line beads, the MPZ-R series can handle currents ranging from **1A to over 10A**, making them suitable for battery lines and DC-DC converter outputs. * **Low DC Resistance (Rdc):** They are designed with internal electrode structures that minimize energy loss and heat generation, which is critical for maintaining battery life in mobile devices. * **Multi-layer Structure:** They utilize a multi-layering process rather than a wire-wound structure, resulting in a smaller footprint and better reliability against physical vibration. --- ### 3. Application Use Cases The MPZ-R series is widely used in compact electronics where power efficiency is paramount. 1. **Smartphones & Tablets:** Filtering noise on the main power management IC (PMIC) lines. 2. **Automotive Electronics:** Used in infotainment and ADAS modules (AEC-Q200 versions). 3. **Industrial Computing:** Suppressing high-frequency noise in CPU/GPU power rails. --- ### 4. Part Number Breakdown Example While exact codes vary, a typical TDK part number looks like this: `MPZ 1608 R 391 A T 000` * **MPZ:** Series Name (High Current) * **1608:** Dimensions (1.6mm x 0.8mm) * **R:** Material code (Low DC resistance type) * **391:** Impedance value at 100MHz (390 Ohms) * **A:** Characteristic type ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MPZ-R and the standard MPZ series?
    • ⤷ How do I calculate the power dissipation for a chip bead in a high-current circuit?
    • ⤷ Are MPZ-R components AEC-Q200 qualified for automotive use?