データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPZ2012S102ATD25

  • AI
    ## Technical Overview of MPZ2012S102ATD25 The **MPZ2012S102ATD25** is a high-performance **Chip Bead** (Ferrite Bead) manufactured by **TDK Corporation**. It is specifically designed for noise suppression in power lines and is part of the MPZ series, which is optimized for low DC resistance and high current capability. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Impedance (at 100MHz)** | 1,000 $\Omega$ (±25%) | | **Rated Current (Max)** | 1.5 A (1500 mA) | | **DC Resistance (Max)** | 0.15 $\Omega$ | | **Operating Temperature** | -55°C to +125°C | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (EIA)** | 0805 (0.08" x 0.05") | | **Application** | Power Line Noise Suppression | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying the specific characteristics of the component: * **MPZ**: Series Name (Multilayer Chip Bead for Power Lines). * **2012**: Dimensions (Length 2.0mm × Width 1.25mm). * **S**: Material Code (Standard type for general signal/power lines). * **102**: Impedance Value (10 + 2 zeros = 1,000 Ohms). * **A**: Characteristic Type (Standard). * **T**: Packaging Style (Taping/Reel). * **D25**: Specific internal code/Automotive Grade (often denotes AEC-Q200 compliance or specific tolerance/packaging variations). --- ### 3. Core Functional Characteristics #### High Impedance at High Frequencies The primary role of this part is to act as a **low-pass filter**. At low frequencies (DC), it acts like a wire with very low resistance (0.15 $\Omega$). At high frequencies (EMI noise), its impedance rises to 1,000 $\Omega$, converting high-frequency noise into heat. #### Power Line Optimization Unlike signal-line beads, the MPZ series is built to handle higher currents (up to 1.5A). It uses a multilayer structure with low DC resistance to prevent power loss and excessive heat generation when used in power supply circuits. #### Automotive Grade Reliability The "D25" suffix typically indicates that the part is tested under **AEC-Q200** standards, making it suitable for automotive environments where vibration, thermal shock, and high reliability are required. --- ### 4. Typical Applications * **Automotive Electronics:** Infotainment systems, ECU power lines, and ADAS sensors. * **Industrial Equipment:** Power supply decoupling and EMI filtering. * **Consumer Electronics:** Power lines in laptops, tablets, and smart devices to prevent internal noise interference. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the MPZ and MMZ series from TDK?
    • ⤷ How do I calculate the voltage drop across this ferrite bead at 1.5A?
    • ⤷ Are there smaller alternatives to the 0805 package with similar impedance?