データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPZ2012S331AT

  • AI
    ### Technical Overview: MPZ2012S331AT The **MPZ2012S331AT** is a High-Current Chip Bead manufactured by TDK. It is a passive electronic component used primarily for noise suppression in power lines and high-speed signal lines. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Series** | MPZ (Multilayer Chip Bead for Power Lines) | | **Case Size** | 2012 (Metric) / 0805 (Inch) | | **Dimensions** | 2.00mm x 1.25mm x 0.85mm | | **Impedance** | 330 $\Omega$ (at 100 MHz) | | **Impedance Tolerance** | ±25% | | **Rated Current** | 3.0 Amperes (Maximum) | | **DC Resistance (DCR)** | 0.04 $\Omega$ (Maximum) | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Functional Characteristics Chip beads like the MPZ2012S331AT function as a frequency-dependent resistor. * **Low Frequency:** At low frequencies (DC), the component acts as a near-perfect conductor with very low resistance (0.04 $\Omega$), allowing power to pass through without significant voltage drop. * **High Frequency:** At high frequencies (EMI/RFI noise), the impedance increases (330 $\Omega$ at 100MHz). The bead absorbs high-frequency noise and dissipates it as a small amount of heat rather than reflecting it back into the circuit. * **High Current Capability:** Unlike the MMZ series, the **MPZ series** is specifically designed for power lines, featuring low DC resistance to handle up to 3A without overheating. --- ### 3. Internal Construction The device is built using a **Multilayer Structure**: 1. **Ferrite Material:** A ceramic-like material with high magnetic permeability. 2. **Internal Conductors:** Silver (Ag) layers coiled internally to create the inductive/resistive effect. 3. **Terminal Electrodes:** Tin (Sn) plating over Nickel (Ni) and Silver (Ag) to ensure excellent solderability. --- ### 4. Typical Applications The MPZ2012S331AT is commonly found in the following environments: * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Power Supplies:** DC-DC converters and battery management systems. * **Communication Equipment:** Base stations and networking hardware. * **Noise Suppression:** Removing "ringing" from digital signals and preventing electromagnetic interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ and MMZ series of TDK chip beads?
    • ⤷ How does the impedance change as the frequency increases beyond 100 MHz?
    • ⤷ Can this component be used in automotive applications?