データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MPZ2012S601AT

  • AI
    The **MPZ2012S601AT** is a high-performance chip bead manufactured by **TDK Corporation**. It is specifically designed for noise suppression in power lines and belongs to the MPZ series (Multilayer Power Chip Bead). --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Series** | MPZ | Multilayer Chip Bead for Power Lines | | **Case Size** | 2012 (Metric) / 0805 (Inch) | 2.0mm x 1.25mm | | **Impedance** | 600 $\Omega$ | Measured at 100 MHz | | **Tolerance** | $\pm 25\%$ | Standard variance | | **Rated Current** | 2.0 A (Max) | High current capability | | **DC Resistance** | 0.06 $\Omega$ (Max) | Low power loss (Rdc) | | **Operating Temp** | -55°C to +125°C | Industrial grade range | --- ## 2. Key Features & Internal Structure Unlike standard inductors, these beads are designed to dissipate high-frequency noise as **heat** rather than reflecting it back to the source. * **Multilayer Structure:** Formed by layering ferrite paste and internal electrode paste, resulting in a compact, reliable component. * **Low DC Resistance:** The MPZ series is optimized for power lines, meaning it can handle high currents with minimal voltage drop. * **Material Characteristics:** The "S" material type provides a standard frequency characteristic, making it versatile for broad noise suppression. --- ## 3. Common Applications The MPZ2012S601AT is typically used in circuits where high current is present and electromagnetic interference (EMI) needs to be minimized. 1. **Consumer Electronics:** Smartphones, tablets, and personal computers. 2. **Power Supply Lines:** Filtering DC-DC converters and battery lines to prevent noise from affecting sensitive ICs. 3. **Peripheral Equipment:** USB ports, HDD/SSD power rails, and industrial controllers. --- ## 4. Part Number Breakdown ```text MPZ 2012 S 601 A T | | | | | |_ Packaging (T = Taping) | | | | |____ Internal Code | | | |________ Impedance (60 + one 0 = 600Ω) | | |____________ Material Code (S Type) | |_________________ Dimensions (2.0 x 1.25mm) |______________________ Series Name (Power Line Bead) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ series and the MMZ series from TDK?
    • ⤷ How do I choose the right impedance value for an EMI filter?
    • ⤷ Can this component be used in automotive applications (AEC-Q200)?