データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MS-01-R

  • AI
    The **MS-01-R** typically refers to a high-performance **Mini PC / Workstation node** (often associated with Minisforum's MS-01 series, with the "R" often denoting a specific revision or Barebone SKU). Below is a detailed breakdown of the electronic architecture and internal components of the MS-01 series. ### 1. Core Processing Unit (CPU & Socket) The heart of the MS-01-R is based on Intel's mobile workstation architecture. | Component | Specification | Details | | :--- | :--- | :--- | | **CPU Options** | Intel Core i9-13900H / i7-13800H | High-performance hybrid architecture (P-cores and E-cores). | | **Integrated GPU** | Intel Iris Xe Graphics | Supports QuickSync for hardware video encoding/decoding. | | **TDP Management** | 45W - 115W (Peak) | Managed via a robust VRM (Voltage Regulator Module) system. | --- ### 2. Networking Interface (The "R" Series Strength) The MS-01 is famous for its "workstation-grade" networking capabilities, unusual for its size. * **SFP+ Ports:** Dual 10Gbps SFP+ ports. These use specialized controllers (often Intel X710 or similar) to allow for fiber optic or DAC copper connections. * **RJ45 Ports:** Dual 2.5Gbps Ethernet ports (usually Intel i226-V or i226-LM), supporting high-speed LAN environments. * **Wireless:** M.2 2230 slot for Wi-Fi 6E and Bluetooth 5.2 modules. --- ### 3. Expansion and Storage Interfaces The PCB layout is dense, providing multiple high-speed data lanes. 1. **PCIe Expansion:** * One **PCIe 4.0 x16 slot** (physically x16, but often electrically limited to x8 or x4 depending on the CPU configuration). This allows for low-profile discrete GPUs or additional NICs. 2. **Storage (M.2 Slots):** * **Slot 1:** M.2 2280 NVMe PCIe 4.0 x4. * **Slot 2:** M.2 2280 NVMe PCIe 3.0 x4. * **Slot 3:** M.2 2280 NVMe (U.2 compatible) — This is a rare electronic feature in mini PCs, allowing for enterprise-grade U.2 SSDs via an adapter. --- ### 4. Power and Cooling Electronics To maintain stability under high loads, the MS-01-R uses a sophisticated thermal and power delivery design: * **Power Input:** DC 19V Jack (usually requires a high-wattage 180W-240W power brick). * **Cooling System:** * **Active Cooling:** A high-RPM blower fan for the CPU. * **Memory/SSD Cooling:** A secondary smaller fan or heatsink system specifically for the NVMe drives and DDR5 modules to prevent thermal throttling. * **RAM:** Dual-channel SODIMM slots supporting **DDR5-5200MHz** (up to 64GB or 96GB depending on firmware). --- ### 5. Input/Output (I/O) Logic The motherboard features several high-bandwidth controllers to manage peripheral data: ```markdown - 2x USB4 (40Gbps) - Supports Alt-Mode (Video out) and Thunderbolt protocols. - 2x HDMI 2.0 - Managed by the onboard level shifters. - 3x USB 3.2 Gen2 (Type-A) - 10Gbps data transfer. ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the MS-01-R support ECC memory for workstation stability?
    • ⤷ What are the limitations of the PCIe x16 slot in terms of physical size?
    • ⤷ Can the U.2 interface be used simultaneously with all other M.2 slots?