データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MS-AD-R

  • AI
    The **MS-AD-R** refers to a high-performance **RS485 to RS422/RS485 Isolated Repeater** or an **Active Differential Isolation Hub** (depending on the specific industrial manufacturer, typically associated with communication signal amplification). Its electronic architecture is designed to extend communication distances and provide electrical isolation in harsh environments. ### 1. Key Electronic Components and Architecture The MS-AD-R is built with specific hardware stages to ensure signal integrity: | Component Category | Description | Purpose | | :--- | :--- | :--- | | **Optocouplers/Magnetic Isolators** | High-speed digital isolation chips. | Prevents high-voltage surges from crossing from Port A to Port B. | | **DC-DC Converter** | Isolated power module (usually 5V or 12V). | Provides independent power to both sides of the isolation barrier. | | **TVS Diodes** | Transient Voltage Suppressor diodes. | Protects the RS485/422 transceivers from static and lightning strikes. | | **I/O Transceivers** | Differential line drivers (e.g., MAX485 or similar). | Converts logic signals into differential signals for long-distance travel. | | **Termination Resistors** | Integrated 120Ω resistors (often switchable). | Prevents signal reflection at the end of the cable line. | --- ### 2. Functional Specifications These parts work together to achieve the following electronic characteristics: * **Galvanic Isolation:** Usually rated for **2500V - 3000V RMS**. This protects sensitive PLC or PC hardware from ground loops. * **Automatic Data Direction Control (ADDC):** The internal logic circuitry senses the direction of data flow and switches the transceiver state automatically, eliminating the need for a "Request to Send" (RTS) signal. * **Signal Amplification:** Re-shapes and boosts the differential voltage to allow the signal to travel another **1,200 meters**. --- ### 3. Wiring Configuration The electronic terminals are typically arranged as follows: ```text Terminal Block Layout (Example): +-----------+-----------------------------------+ | Terminal | Function | +-----------+-----------------------------------+ | VCC/GND | DC Power Input (9V - 30V DC) | | A+ / B- | RS485 Input (Segment 1) | | T+ / T- | RS422 Transmit / RS485 Output | | R+ / R- | RS422 Receive | | FG | Frame Ground (Shielding) | +-----------+-----------------------------------+ ``` --- ### 4. Electronic Protection Mechanisms 1. **Lightning Protection:** Most MS-AD-R units include 600W lightning surge protection per line. 2. **Short-Circuit Protection:** The drivers are designed to handle permanent short circuits on the bus without burning out the internal chips. 3. **Anti-Interference:** The differential signaling rejects common-mode noise, which is further enhanced by the optical isolation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate (baud rate) supported by the MS-AD-R?
    • ⤷ How do I calculate if I need a repeater versus a simple converter for my RS485 network?
    • ⤷ Can the MS-AD-R be used to convert a 2-wire RS485 system to a 4-wire RS422 system?