データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MS-R3

  • AI
    The **MS-R3** typically refers to a high-performance **Magnetic Stripe Reader (MSR)** module, often integrated into Point of Sale (POS) systems, security kiosks, or handheld mobile readers. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Electronic Components The MS-R3 architecture is divided into three functional stages: the physical head, the analog processing circuit, and the digital interface. | Component | Function | Description | | :--- | :--- | :--- | | **Magnetic Head** | Transducer | A 3-track inductive head that converts magnetic flux into low-voltage electrical signals. | | **ASIC / Decoder Chip** | Signal Processing | Usually a custom IC that filters noise and decodes F2F (Aiken Biphase) encoded data. | | **EEPROM / Flash** | Storage | Stores configuration settings, encryption keys, and firmware. | | **I/O Interface** | Communication | Manages the data transfer via TTL, RS232, or USB (HID/Keyboard emulation). | | **Voltage Regulator** | Power Management | Steps down input voltage (typically 5V) to 3.3V for internal logic. | --- ### 2. Technical Specifications The electronics are designed to handle variable "swipe speeds" while maintaining data integrity through high-gain amplification. * **Operating Voltage:** 3.0V to 5.5V DC. * **Current Consumption:** ~10mA (Idle), <25mA (Active swipe). * **Bit Density:** 75 to 210 BPI (Bits Per Inch). * **Swipe Speed:** 10cm/s to 150cm/s. * **Track Support:** Tracks 1, 2, and 3 (ISO 7811 compliant). --- ### 3. Electronic Interface (Pinout) Most MS-R3 modules utilize a standard 5-pin or 9-pin Molex-style connector for integration into a PCB. ```yaml Pin 1: VCC (+5V or +3.3V) Pin 2: GND (Ground) Pin 3: DATA (Serial Data Output) Pin 4: CLK (Clock Signal) Pin 5: CLS (Card Loaded / Media Detect) ``` --- ### 4. Signal Processing Workflow 1. **Induction:** As the magnetic stripe passes the head, it creates a fluctuating magnetic field that induces a micro-voltage in the coils. 2. **Amplification:** The electronics amplify this signal (which is often in the millivolt range) to logic levels. 3. **Peak Detection:** The circuitry identifies the transition points (zero-crossings) to determine the binary bits (1s and 0s). 4. **Decoding:** The F2F decoder translates these transitions into ASCII characters (e.g., Credit Card numbers or names).
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the MS-R3 and modern EMV chip readers?
    • ⤷ How do you interface an MS-R3 module with an Arduino or Raspberry Pi?
    • ⤷ What common electronic failures occur in MSR heads due to wear and tear?