データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MSO2M

  • AI
    The **MSO2M** refers to a specific type of **Mixed Signal Oscilloscope (MSO)**, typically part of a compact, modular, or portable series (such as the Tektronix 2 Series MSO). These devices integrate the functionality of a Digital Storage Oscilloscope (DSO) with a Logic Analyzer. --- ## 1. Core Electronic Subsystems The architecture of an MSO2M is divided into four primary electronic blocks: | Component Block | Description | Key Electronic Parts | | :--- | :--- | :--- | | **Analog Front-End** | Scales and conditions incoming signals. | Low-noise amplifiers (LNAs), Programmable Gain Amplifiers (PGAs), Attenuators. | | **Data Acquisition** | Converts analog waves to digital bits. | High-speed Analog-to-Digital Converters (ADCs), Sample-and-Hold circuits. | | **Digital Processing** | Manages logic inputs and signal math. | FPGAs (Field Programmable Gate Arrays), DSPs, or ASICs. | | **Power Management** | Provides stable DC rails for sensitive components. | Buck/Boost converters, LDOs (Low Dropout Regulators). | --- ## 2. Key Internal Electronic Components ### A. The "TekVPI" or Interface Electronics Modern MSO2M units often use specialized interface electronics to communicate with active probes. These include: * **I2C/SPI Controllers:** For identifying the probe type and setting attenuation factors automatically. * **Overvoltage Protection:** Diodes and gas discharge tubes to prevent ESD or high-voltage spikes from frying the input stage. ### B. Mixed Signal Logic Inputs The "M" in MSO stands for **Mixed**. Unlike standard scopes, it contains a dedicated digital bus interface: * **Digital Lead Sets:** High-impedance ribbon cables. * **Comparators:** High-speed electronic parts that determine if a signal is a "1" or "0" based on a user-defined threshold voltage. ### C. Digital Processing Core The heart of the unit usually involves: * **FPGA:** Handles the massive parallel data stream coming from the ADCs and the digital logic inputs simultaneously. * **Memory Buffer:** High-speed SDRAM or SRAM to store captured waveforms before they are processed for the display. --- ## 3. Signal Flow Diagram Below is a simplified logic flow of the electronic path: ```mermaid graph LR A[Analog Probe] --> B[Attenuator/Amp] B --> C[ADC] D[Digital Logic Probe] --> E[Threshold Comparator] C --> F[FPGA / Processor] E --> F F --> G[Display/Output] ``` --- ## 4. Hardware Connectivity The MSO2M series typically utilizes modern standard interfaces for data export and power: * **USB 2.0/3.0 Controllers:** For PC connectivity and flash drive storage. * **Ethernet PHY:** For remote LXI (LAN eXtensions for Instrumentation) control. * **Battery Management System (BMS):** If the unit is a portable "M" (Mobile) variant, it includes Lithium-Ion charging circuitry and fuel gauge ICs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MSO and a standard DSO?
    • ⤷ How do FPGAs improve the performance of an oscilloscope?
    • ⤷ What are the common bandwidth options for the MSO2M series?