データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MST-C6-R

  • AI
    The **MST-C6-R** is a specialized high-performance motor controller (often associated with brushless DC or stepper motor applications in industrial automation). Below is a detailed breakdown of its electronic architecture and specifications. --- ### 1. Technical Specifications The MST-C6-R is characterized by its high power density and precise signal processing. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V - 48V DC (Typical) | | **Current Rating** | 6A Continuous (R-series denotes regulated output) | | **Control Interface** | RS485 / CANopen / Pulse-Direction | | **Feedback Support** | Incremental Encoder / Hall Sensors | | **Protection** | Over-voltage, Over-current, Short-circuit | --- ### 2. Core Electronic Components #### A. Power Stage (Inverter) The "muscle" of the unit consists of a 3-phase bridge made of **MOSFETs** or **IGBTs**. * **Function:** Switches the high DC voltage to create a simulated AC waveform for the motor. * **Thermal Management:** The "R" in the model often indicates a ruggedized or heat-sink integrated housing to dissipate heat generated during switching. #### B. Control Logic (MCU/DSP) The "brain" is typically a 32-bit Microcontroller or Digital Signal Processor. * **PID Loops:** It runs complex algorithms to maintain constant speed or precise positioning. * **Firmware:** The MST series utilizes proprietary firmware to handle real-time motion commands. #### C. Communication Interfaces The MST-C6-R is designed for networked environments. * **RS485 Transceiver:** Allows for long-distance daisy-chaining of multiple controllers. * **Optoisolators:** Protects the internal logic circuits from high-voltage spikes on the signal lines. --- ### 3. Connection Pinout Overview Typical wiring for the electronic headers on the MST-C6-R: 1. **Power Input:** `V+` and `GND`. 2. **Motor Output:** `U`, `V`, `W` phases. 3. **Signal I/O:** * `Step/Dir` or `A/B` pulses for position. * `Enable` signal to energize the motor. * `Fault` output for system monitoring. --- ### 4. Sample Integration Code (Pseudo-code) If controlling via a serial interface, the electronic command structure often follows this logic: ```python # Example: Sending a movement command to MST-C6-R via RS485 import serial def move_motor(distance, velocity): # MST-C6-R protocol packet structure header = 0xAA command = 0x01 # Move command data = [distance, velocity] checksum = calculate_checksum(data) packet = bytearray([header, command] + data + [checksum]) ser.write(packet) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific wiring requirements for the encoder feedback on the MST-C6-R?
    • ⤷ Does the MST-C6-R support EtherCAT communication for industrial synchronization?
    • ⤷ How do you configure the current limits using the MST configuration software?