データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MT1498-R

  • AI
    ### MT1498-R Overview The **MT1498-R** is an integrated circuit (IC) primarily designed as a **Capacitive Touch Sensor Controller**. It is widely used in consumer electronics, automotive interfaces, and industrial control panels where physical buttons are replaced by touch-sensitive surfaces. --- ### Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Input Channels** | 8 to 12 Sensitive Touch Channels | | **Operating Voltage** | 2.5V to 5.5V | | **Interface** | I2C (Inter-Integrated Circuit) | | **Package Type** | QFN (Quad Flat No-lead) or SOP | | **Power Consumption** | Ultra-low power standby mode | | **Operating Temp** | -40°C to +85°C | --- ### Core Electronic Components & Architecture The MT1498-R functions through several internal blocks that manage signal processing and communication: #### 1. Capacitive Sensing Engine * **ADC (Analog-to-Digital Converter):** Converts the analog change in capacitance (caused by a finger touch) into a digital value. * **Auto-Calibration:** It features built-in algorithms to adjust for environmental changes like humidity, temperature, or dust buildup on the surface. #### 2. Digital Logic & MCU Core * Processes the raw data from the sensing engine. * Implements **noise filtering** to prevent false triggers from electromagnetic interference (EMI). * Manages "Wake-on-Touch" features to save system energy. #### 3. Communication Interface * **I2C Bus:** Uses SDA (Serial Data) and SCL (Serial Clock) lines to communicate with the host processor (e.g., an Arduino, ESP32, or ARM CPU). * **IRQ Pin:** An interrupt pin that signals the host controller only when a touch event is detected, reducing CPU overhead. --- ### Typical Application Circuitry To integrate the MT1498-R into a PCB design, the following supporting electronic parts are usually required: * **Decoupling Capacitors:** Usually 0.1μF and 10μF placed near the VCC pin to stabilize power. * **Pull-up Resistors:** Required on the I2C lines (typically 4.7kΩ). * **Series Resistors:** Often placed on the touch input lines (1kΩ to 10kΩ) to protect against ESD (Electrostatic Discharge). * **Touch Pads:** Copper pours on the PCB (covered by an overlay like plastic or glass) that act as the sensors. --- ### Use Cases 1. **Home Appliances:** Control panels for microwave ovens, washing machines, and refrigerators. 2. **Smart Lighting:** Dimmer switches and wall-mounted touch panels. 3. **Automotive:** Interior light controls or infotainment navigation pads.
    ✨ Follow-up Questions
    • ⤷ What are the specific register addresses for configuring sensitivity in the MT1498-R?
    • ⤷ How does the MT1498-R handle environmental noise compared to mechanical switches?
    • ⤷ Can the MT1498-R be used behind thick glass or plastic overlays?