MT208-R
AI

The **MT208-R** typically refers to a specific model of an **RFID Card Reader/Writer module** or a **Smart Card Interface** (often used in access control systems, kiosks, or payment terminals). It is designed to interface with 13.56MHz contactless cards.
Below is a breakdown of its core electronic components and technical specifications.
---
## 1. Core Electronic Components
The architecture of the MT208-R is centered around high-frequency radio communication and micro-processing.
| Component Type | Function |
| :--- | :--- |
| **Main Microcontroller (MCU)** | Handles the protocol logic (ISO14443), data encryption (AES/DES), and serial communication with the host PC. |
| **RF Front-End IC** | Responsible for modulating and demodulating the 13.56MHz radio signal to communicate with the card. |
| **Internal Antenna** | An etched copper PCB trace antenna that generates the electromagnetic field to power the passive card. |
| **SAM Slot (Secure Access Module)** | A socket for an auxiliary security chip used for high-level encryption (common in banking/transport). |
| **Status Indicators** | Typically includes a multi-color LED (Red/Green) and a Buzzer for user feedback. |
| **Voltage Regulator** | Converts the input voltage (usually 5V DC) to the stable 3.3V required by the internal logic chips. |
---
## 2. Technical Specifications
Most variants of the MT208-R follow these hardware parameters:
### Power and Interface
* **Operating Voltage:** 5V DC (via USB or Serial).
* **Current Consumption:** ~50mA (Idle) to 150mA (Peak during RF burst).
* **Communication Interface:** USB (HID or Virtual COM), RS232, or TTL levels.
### RF Performance
* **Operating Frequency:** 13.56 MHz.
* **Supported Standards:**
* ISO14443 Type A & B.
* Mifare series (Classic, DESFire, Ultralight).
* FeliCa (in specific versions).
* **Operating Distance:** 0 – 50 mm (depending on the card antenna size).
---
## 3. Pinout and Connectivity (Standard Serial Version)
If you are integrating the module into a custom PCB, the typical header involves:
```text
Pin 1: VCC (+5V)
Pin 2: GND (Ground)
Pin 3: RXD (Receive Data)
Pin 4: TXD (Transmit Data)
Pin 5: RST (Reset - Optional)
```
---
## 4. Operational Logic
1. **Polling:** The MCU instructs the RF IC to emit a 13.56MHz field.
2. **Induction:** A card enters the field; its internal coil generates power via induction.
3. **Data Exchange:** The card sends its UID (Unique ID) or encrypted data back via load modulation.
4. **Processing:** The MT208-R decodes the signal and sends the result to the host via the USB/RS232 interface.
---
- ⤷How do I interface the MT208-R with an Arduino or Raspberry Pi?
- ⤷ What is the specific SDK or driver required for the MT208-R on Windows?
- ⤷ Does the MT208-R support NFC peer-to-peer communication?