データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MT6224-R

  • AI
    The **MT6224-R** is an integrated circuit (IC) primarily designed as a high-performance **Synchronous Step-Down (Buck) Converter**. It is commonly used in consumer electronics to efficiently convert higher input voltages into stable, lower output voltages for microprocessors, memory, and peripheral logic. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the MT6224-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 2A (Continuous) | | **Switching Frequency** | 500 kHz | | **Feedback Voltage** | 0.8V (Typical) | | **Efficiency** | Up to 95% | | **Package Type** | SOT-23-6 (Small Outline Transistor) | --- ### 2. Functional Features * **Synchronous Rectification:** Unlike standard buck converters that use a diode, the MT6224-R uses an internal MOSFET for rectification, which significantly reduces power loss and increases efficiency. * **Current Mode Control:** Provides fast transient response and simplifies loop stabilization. * **Protective Circuitry:** * **Over-Current Protection (OCP):** Prevents damage during short circuits. * **Thermal Shutdown:** Shuts the chip down if it exceeds safe temperature limits. * **UVLO:** Under-Voltage Lockout ensures the chip doesn't operate at insufficient input voltages. * **Soft Start:** Internal circuitry manages the "inrush" current during startup to prevent voltage spikes. --- ### 3. Pin Configuration (SOT-23-6) Standard pinout for this class of IC generally follows this structure: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference. | | 2 | **SW** | Switching node; connects to the external inductor. | | 3 | **VIN** | Power supply input. | | 4 | **FB** | Feedback input; used to set the output voltage via a resistor divider. | | 5 | **EN** | Enable pin; drive high to turn on, low to turn off. | | 6 | **BST** | Bootstrap; used to drive the high-side MOSFET. | --- ### 4. Typical Application Circuit The MT6224-R requires minimal external components to function: ```text Input (12V) --> [Cin] --> [MT6224-R] --> [Inductor (L1)] --> [Cout] --> Output (3.3V/5V) | [Resistor Divider] | Feedback ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the common resistor values used on the FB pin to achieve a 5V output?
    • ⤷ Can the MT6224-R be used for automotive 24V systems?
    • ⤷ What is the recommended inductor value for a standard 12V to 3.3V conversion?