データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MT640-R2

  • AI
    The **MT640-R2** (often associated with the Metrologic/Honeywell MS640 series or specific industrial controller modules) typically refers to a high-performance **Laser Barcode Scanning Engine** or a **Control Module**. Below is an overview of the core electronic components and technical specifications typically found in this hardware architecture. --- ### 1. Core Electronic Components The device is built using a combination of optical sensors, processing units, and communication interfaces. | Component Category | Description | | :--- | :--- | | **Microcontroller (MCU)** | An integrated ARM-based or proprietary RISC processor that handles decoding algorithms and data buffering. | | **Laser Diode** | A 650nm Visible Laser Diode (VLD) used to generate the scanning beam. | | **Optical Sensor** | A high-speed photodiode that captures reflected light and converts it into an analog electrical signal. | | **Analog-to-Digital Converter (ADC)** | Converts the analog signal from the photodiode into a digital binary string for the MCU to process. | | **Interface Controller** | Manages communication protocols such as RS232, USB (HID/COM), or Keyboard Wedge. | --- ### 2. Technical Specifications The electronics are designed to operate under specific power and environmental constraints. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V DC ± 0.25V | | **Operating Current** | 120mA (typical) | | **Light Source** | Visible Laser Diode @ 650nm | | **Scan Rate** | ~1000 scans per second (depending on specific firmware) | | **Logic Levels** | TTL Serial or RS232 levels | --- ### 3. Functional Blocks The internal electronic workflow can be broken down into three main stages: #### A. Emission & Scanning * **Oscillating Mirror:** A small motor or piezoelectric element vibrates a mirror to sweep the laser beam across the barcode. * **Driver Circuit:** Regulates the current to the laser diode to ensure consistent brightness and prevent thermal damage. #### B. Signal Processing * **Preamplifier:** Boosts the weak electrical signal from the photodiode. * **Filter Bank:** Removes ambient light noise (like overhead fluorescent flickering) from the signal. * **Digitizer:** Uses a comparator to turn the "waves" of the signal into "bars and spaces" (0s and 1s). #### C. Data Output * **EEPROM/Flash:** Stores configuration settings (e.g., baud rate, suffix/prefix settings). * **Output Buffer:** Temporarily stores the decoded string before transmitting it to the host computer. --- ### 4. Typical Pinout (RS232/TTL Interface) If you are integrating this module into a custom PCB, the electronic interface usually follows this pattern: ```yaml Pin 1: VCC (+5V) Pin 2: GND (Ground) Pin 3: RX (Receive Data) Pin 4: TX (Transmit Data) Pin 5: CTS (Clear to Send) Pin 6: RTS (Request to Send) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol supported by the MT640-R2?
    • ⤷ How do I configure the baud rate for this module?
    • ⤷ Can the MT640-R2 be powered directly by a 3.3V system?