データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MT820-R

  • AI
    The **MT820-R** is typically categorized as a high-performance **Magnetic Card Reader/Encoder** or a specialized **Telematics/IoT Gateway** (depending on the specific manufacturer, though most commonly associated with magnetic stripe technology or fleet management modules). Below is a technical breakdown of the electronic components and functional parts generally found in this class of hardware. --- ## 1. Core Electronic Components The architecture of the MT820-R relies on several layers of circuitry to handle signal processing and communication. | Component Category | Description | Common Parts/Specifications | |:---|:---|:---| | **Microcontroller (MCU)** | The "brain" that coordinates data decoding and host communication. | 32-bit ARM Cortex-M series or specialized RISC processor. | | **Magnetic Head** | The physical interface that reads/writes data to the magnetic stripe. | High-coercivity (HiCo) or Low-coercivity (LoCo) compatible heads. | | **I/O Interface** | How the device connects to a computer or controller. | RS232 (Serial), USB (HID or Virtual COM), or TTL levels. | | **Power Management** | Regulates voltage for internal logic and magnetic head operation. | LDO Regulators (3.3V/5V) and ESD protection diodes. | | **Signal Processor** | Amplifies and filters the weak analog signal from the magnetic head. | Operational Amplifiers (Op-Amps) and Peak Detectors. | --- ## 2. Functional Part Breakdown ### A. Magnetic Read/Write Assembly The MT820-R usually features a **triple-track** magnetic head. This allows the device to read data from all three standard ISO 7811 tracks simultaneously. The "R" in the model often signifies specific read-only or ruggedized capabilities. ### B. Signal Conditioning Circuitry Because magnetic signals are very faint and prone to noise: * **Preamplifiers:** Boost the raw analog voltage. * **F2F Decoder Logic:** Converts the "Frequency/Double Frequency" (Aiken Biphase) magnetic transitions into digital binary data (1s and 0s). ### C. Communication Ports Most MT820-R units utilize a standard **DB9 (RS232)** or **USB Type-B** port. The internal electronics include: * **Transceivers:** (e.g., MAX232 for serial communication). * **Buffers:** To prevent data loss during high-speed transfers. ### D. Indicator Modules * **LED Status Lights:** Driven by GPIO pins on the MCU to indicate "Ready," "Read Success," or "Error." * **Buzzer:** An electronic piezo element for audible feedback during card swipes. --- ## 3. Technical Specifications Table | Feature | Specification | |:---|:---| | **Operating Voltage** | DC +5V (typically via USB or external adapter) | | **Current Consumption** | ~50mA (Idle) / ~150mA (Active Read) | | **Recording Method** | F2F (FM) | | **Track Compatibility** | ISO Track 1, 2, and 3 | | **Interface Protocol** | Asynchronous Serial (8N1) | ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MT820-R RS232 interface?
    • ⤷ How do you calibrate the magnetic head sensitivity in this model?
    • ⤷ Is the MT820-R compatible with modern Windows 11 USB drivers?