データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MTXO2EFBD

  • AI
    The **MTXO2EFBD** (typically referring to the MachXO2 family by Lattice Semiconductor) belongs to the **MachXO2** series of ultra-low-power, non-volatile FPGAs (Field Programmable Gate Arrays). These parts are designed for system control, interface bridging, and power management in modern electronics. --- ## 1. Technical Specifications The part number suffix `EFBD` defines the specific package, temperature grade, and voltage requirements. | Feature | Specification | | :--- | :--- | | **Logic Cells** | Varies by sub-model (typically 256 to 6864 LUTs) | | **Technology** | 65nm non-volatile Flash-based | | **Core Voltage** | 1.2V (typically denoted by "E" or "ZE") | | **Package Type** | TQFP / BGA (depending on pin count) | | **Temperature Range** | Industrial Grade (-40°C to +100°C) | | **I/O Voltage** | 1.2V, 1.5V, 1.8V, 2.5V, 3.3V supported | --- ## 2. Key Internal Components ### A. Look-Up Tables (LUTs) The fundamental building blocks. These are 4-input LUTs used to implement combinational logic. Each slice also contains a flip-flop for sequential logic. ### B. Embedded Block RAM (EBR) High-speed memory used for data buffering, FIFOs, and dual-port memory. This allows the FPGA to handle data processing without external memory chips. ### C. Hardened IP Blocks The MachXO2 series includes "Hardened" functions that do not consume logic cells: * **I2C / SPI Interfaces:** Dedicated controllers for peripheral communication. * **Timer/Counters:** Used for PWM or frequency measurement. * **User Flash Memory (UFM):** Non-volatile storage for configuration data or small user files. ### D. Configuration Logic Unlike SRAM-based FPGAs, these parts are **"Instant-on."** The configuration is stored in internal Flash, meaning the chip is operational within milliseconds of power-up. --- ## 3. Pinout and Connectivity Example When designing a PCB for this part, you will interact with several functional pin groups: ```yaml Pin Types: - VCC: Core power supply (1.2V) - VCCIO: I/O bank power (Variable) - GND: Ground - PROGRAMN: Pulse low to trigger reconfiguration - DONE: Status pin indicating successful configuration - JTAG (TDI, TDO, TCK, TMS): Programming and debugging interface ``` --- ## 4. Common Applications * **Power Sequencing:** Controlling the order in which different power rails on a motherboard turn on. * **Bus Bridging:** Converting signals between different protocols (e.g., I2C to SPI or GPIO to Parallel). * **Display Interfacing:** Driving small LCDs or handling LVDS signals. * **I/O Expansion:** Adding more GPIO pins to a microcontroller that has run out of physical pins.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'ZE' and 'HC' variants of the MachXO2 series?
    • ⤷ How do I program the internal Flash memory of the MTXO2EFBD?
    • ⤷ What software tools are required to compile code for Lattice MachXO2 FPGAs?