データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MTXO2EFCD

  • AI
    The **MTXO2EFCD** refers to a high-precision electronic component, specifically a **Temperature Compensated Crystal Oscillator (TCXO)** or a specialized **Oven Controlled Crystal Oscillator (OCXO)** variant, depending on the manufacturer (often associated with brands like Microchip/Vectron or specific telecommunications suppliers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Precision Crystal Oscillator | | **Frequency Stability** | Typically ±0.1 ppm to ±0.5 ppm (Temperature Dependent) | | **Supply Voltage** | Commonly 3.3V or 5.0V DC | | **Output Type** | CMOS or Clipped Sine Wave | | **Package Style** | Surface Mount Device (SMD) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Functions The MTXO series is designed to maintain a highly stable frequency output despite changes in environmental temperature. * **Temperature Compensation:** It utilizes a compensation network (analog or digital) that senses the ambient temperature and adjusts the voltage to the crystal to counteract the natural frequency drift. * **Low Phase Noise:** Engineered to minimize "jitter," making it ideal for high-speed data transmission where timing accuracy is critical. * **Voltage Control (VC-TCXO):** Many models in this series include a voltage control pin (V_c) which allows for fine-tuning of the output frequency via an external voltage. ### 3. Internal Block Diagram Concept The internal architecture of an MTXO component generally consists of four primary stages: ```mermaid graph LR A[Voltage Regulator] --> B[Temperature Sensor] B --> C[Compensation Circuit] C --> D[Crystal Oscillator] D --> E[Output Buffer] ``` ### 4. Common Applications These parts are typically found in high-reliability hardware: 1. **Telecommunications:** Base stations, small cells, and sync-E (Synchronous Ethernet) equipment. 2. **Navigation:** GPS/GNSS receivers that require precise timing to calculate positioning. 3. **Test Equipment:** Frequency counters and signal generators. 4. **Networking:** High-end switches and routers. --- ### 5. Handling and Soldering Considerations Due to the precision nature of the quartz crystal inside: * **Moisture Sensitivity:** Usually rated at MSL 1. * **Thermal Shock:** Avoid prolonged exposure to high heat during soldering; follow the recommended Reflow Profile (typically J-STD-020).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency value for your specific MTXO2EFCD model?
    • ⤷ How does this TCXO compare to a standard XO in terms of power consumption?
    • ⤷ Do you need the pinout diagram for a specific package size (e.g.
    • ⤷ 5x7mm)?